Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SA1579-R

  • AI
    ## Overview of the 2SA1579-R Transistor The **2SA1579-R** is a high-frequency, PNP epitaxial planar silicon transistor. It is primarily designed for use in low-frequency amplifiers and high-speed switching applications. It is often paired with its NPN complement, the **2SC4116**. --- ### 1. Key Technical Specifications The "R" suffix typically refers to the **hFE (DC Current Gain)** classification, indicating a specific range of gain for that batch. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -60 V | | Collector-Emitter Voltage | $V_{CEO}$ | -50 V | | Emitter-Base Voltage | $V_{EBO}$ | -6 V | | Collector Current (DC) | $I_C$ | -150 mA | | Power Dissipation | $P_D$ | 200 mW | | Junction Temperature | $T_j$ | 150 °C | | DC Current Gain (hFE) | $h_{FE}$ | 180 to 390 (R-grade) | --- ### 2. Physical Characteristics and Package The 2SA1579 is most commonly found in the **SOT-323 (SC-70)** surface-mount package. This makes it ideal for compact electronic designs where PCB space is limited. #### Pin Configuration: 1. **Base (B)** 2. **Emitter (E)** 3. **Collector (C)** --- ### 3. Key Features and Advantages * **Low Collector Saturation Voltage:** $V_{CE(sat)}$ is typically low (-0.5V max at -50mA), which reduces power loss during switching. * **High Reliability:** Built using epitaxial planar technology for stable operation. * **Small Footprint:** The SOT-323 package is significantly smaller than the standard SOT-23, facilitating ultra-compact device manufacturing. * **High Frequency:** It has a transition frequency ($f_T$) of approximately 140 MHz, making it suitable for high-speed signal processing. --- ### 4. Common Applications The 2SA1579-R is versatile and used across various industries: * **Signal Amplification:** Used in pre-amplifier stages for audio and sensor data. * **Switching:** Acting as a switch in digital circuits to control small loads. * **Mobile Devices:** Due to its small size, it is frequently found in smartphones, tablets, and wearable tech. * **Interface Circuits:** Level shifting and driving small LEDs or buzzers. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent SMD transistors for the 2SA1579-R?
    • ⤷ How does the 'R' gain classification compare to 'Q' or 'S' classifications?
    • ⤷ Can you provide a simple switching circuit diagram using this PNP transistor?