Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1132-R

  • AI
    ## 2SB1132-R Electronic Component Overview The **2SB1132-R** is a high-performance **PNP Epitaxial Planar Silicon Transistor**. It is primarily designed for use in power amplification and switching applications where a low saturation voltage and high current handling are required. --- ### 1. Key Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, ensuring the transistor operates within a specific gain range. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -40 V | | Collector-Emitter Voltage | $V_{CEO}$ | -32 V | | Emitter-Base Voltage | $V_{EBO}$ | -5 V | | Collector Current (DC) | $I_C$ | -1 A | | Collector Current (Pulse) | $I_{CP}$ | -2 A | | Total Power Dissipation | $P_D$ | 500 mW (at $T_a = 25^\circ C$) | | DC Current Gain (hFE) | $h_{FE}$ | 180 to 390 (R Class) | --- ### 2. Main Features * **Low Saturation Voltage:** Usually $V_{CE(sat)} \leq -0.5V$ at $I_C = -500mA$, which reduces power loss and heat generation. * **High Current Capacity:** Despite its small footprint, it can handle up to 1A of continuous collector current. * **Complementary Pair:** It is the PNP counterpart to the **2SD1664** (NPN), making them ideal for push-pull amplifier stages. * **Package Type:** Commonly found in the **SOT-89** (also known as MPT3) surface-mount package, which provides a good balance between size and thermal dissipation. --- ### 3. Pin Configuration (SOT-89) When looking at the front of the device (marked side) with leads pointing down: 1. **Base (B):** The input trigger for the transistor. 2. **Collector (C):** Connected to the large metal tab for heat sinking. 3. **Emitter (E):** The output/source terminal. --- ### 4. Common Applications * **Voltage Regulation:** Used in linear regulators for low-power devices. * **Relay/Solenoid Drivers:** Efficiently switching inductive loads. * **Audio Amplification:** Serving as an output stage for small speakers or signal pre-amplifiers. * **DC-DC Converters:** Integrated into switching circuits for power management. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R
    • ⤷ Q
    • ⤷ and P gain classifications for this transistor?
    • ⤷ Can you provide a basic circuit diagram for using the 2SB1132 as a switch?
    • ⤷ What are the recommended thermal management practices for the SOT-89 package?