Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1132-R-AB3-R

  • AI
    The **2SB1132-R-AB3-R** is a high-performance PNP epitaxial planar silicon transistor. It is primarily designed for power amplification and general-purpose switching applications where a low collector-emitter saturation voltage is required. --- ### 1. Key Technical Specifications The following table summarizes the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Rating / Value | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -40 V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -32 V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 V | | **Collector Current (DC)** | $I_C$ | -1 A | | **Collector Power Dissipation** | $P_C$ | 500 mW (SOT-89) | | **DC Current Gain** | $h_{FE}$ | 180 ~ 390 (R Rank) | | **Transition Frequency** | $f_T$ | 100 MHz (Typ) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific variant: * **2SB1132**: The core part number (PNP Transistor). * **-R**: Refers to the **hFE (Gain) Classification**. The "R" rank typically falls between 180 and 390. * **-AB3**: Indicates the **Package Type**. In this case, it refers to the **SOT-89** surface-mount package. * **-R**: The final suffix usually denotes the **Packing Style** (e.g., Tape and Reel). --- ### 3. Features and Applications #### Features * **Low Saturation Voltage**: Typically $V_{CE(sat)} = -0.2V$ at $I_C = -500mA$, which reduces power loss and heat generation. * **High Current Capacity**: Capable of handling up to 1A despite its small footprint. * **Complementary Pair**: Often used alongside the **2SD1664** (NPN version). #### Common Applications * **Voltage Regulators**: Used in linear regulation circuits. * **Relay Drivers**: Due to its high current handling. * **Audio Amplifiers**: Specifically in the output or driver stages of small audio devices. * **DC-DC Converters**: Switching elements in power management modules. --- ### 4. Typical Connection Diagram In a simple switching circuit, the configuration would look like this: ```text [VCC] ---+--- [Load] --- [Collector] | [Signal] --[Resistor]-- [Base] | [Emitter] --- [GND] ``` *(Note: As a PNP transistor, the load is typically turned ON when the Base is pulled LOW relative to the Emitter.)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q gain ranks for this transistor?
    • ⤷ Can this transistor be replaced by a 2SB1132 in a SOT-23 package?
    • ⤷ How does the power dissipation change if the ambient temperature exceeds 25°C?