Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1132-R-TN3-R

  • AI
    ## Technical Overview of 2SB1132-R-TN3-R The **2SB1132-R-TN3-R** is a High Current PNP Epitaxial Planar Silicon Transistor. It is commonly used in power management applications where a high current capacity and low saturation voltage are required in a compact surface-mount package. --- ### 1. Key Specifications The following table summarizes the primary electrical characteristics and absolute maximum ratings. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -40 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -32 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V | | **Collector Current (DC)** | $I_C$ | -1 | A | | **Collector Current (Pulse)** | $I_{CP}$ | -2 | A | | **Collector Power Dissipation** | $P_D$ | 0.5 | W | | **DC Current Gain** | $h_{FE}$ | 180 - 390 | (R Class) | | **Package Type** | SOT-23 / SOT-89 | TN3 (SOT-23) | - | --- ### 2. Part Number Breakdown The nomenclature for this specific UTC (Unisonic Technologies) part is structured as follows: * **2SB1132**: The basic part number (PNP Transistor). * **-R**: Refers to the **hFE (Gain) Classification**. In this case, "R" typically denotes a range of 180 to 390. * **-TN3**: Indicates the **Package Type**. TN3 corresponds to the **SOT-23** package (standard 3-lead surface mount). * **-R**: The final suffix usually indicates the **Packing Type** (e.g., Tape and Reel). --- ### 3. Features and Applications This transistor is designed for efficiency and high-speed switching. #### Features: * **Low Saturation Voltage**: Typically $V_{CE(sat)} = -0.5V$ at $I_C = -500mA$, which reduces power loss and heat. * **High Current Capacity**: Capable of handling up to 1A continuous current despite the small footprint. * **Complementary NPN**: Often paired with the **2SD1664** for push-pull configurations. #### Common Applications: 1. **Voltage Regulation**: Used in linear regulators or LDO circuits. 2. **Power Management**: Power supply circuits for portable devices. 3. **Switching**: Driving relays, LEDs, or small motors. 4. **Audio Amplification**: Low-power output stages or driver stages. --- ### 4. Pin Configuration (SOT-23) For the TN3 (SOT-23) package, the pinout is generally standardized as follows: ```text [ 3 ] <-- Collector (C) | | [1] [2] <-- 1: Base (B), 2: Emitter (E) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and Q gain classifications for this transistor?
    • ⤷ Can this transistor be used in a 24V system safely?
    • ⤷ What is the complementary NPN part number for the 2SB1132?