Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1188-R

  • AI
    ## Technical Overview: 2SB1188-R PNP Power Transistor The **2SB1188-R** is a Silicon PNP Epitaxial Planar Transistor designed specifically for low-voltage, high-current applications. It is widely used in power management and switching circuits due to its high current capacity and low saturation voltage. --- ### 1. Key Specifications and Ratings The "R" suffix typically refers to the **hFE (DC Current Gain)** classification, indicating a specific range of gain performance. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -32 | V | | Emitter-Base Voltage | $V_{EBO}$ | -5 | V | | Collector Current (DC) | $I_C$ | -2 | A | | Collector Current (Pulse) | $I_{CP}$ | -3 | A | | Power Dissipation ($T_a = 25^\circ C$) | $P_C$ | 0.5 (varies by package) | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### 2. Electrical Characteristics The 2SB1188-R is valued for its efficiency in "on" states. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically around -0.5V at $I_C = -2A$, which reduces power loss and heat generation. * **DC Current Gain (hFE):** For the "R" classification, the gain typically falls within the range of **180 to 390**. * **Transition Frequency ($f_T$):** Usually around 100 MHz, making it suitable for high-speed switching. --- ### 3. Physical Package and Pinout The most common package for the 2SB1188 is the **SOT-89** (Surface Mount Device), which allows for a compact footprint with decent thermal dissipation. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Base** | Controls the transistor bias | | 2 | **Collector** | Connected to the load (Middle/Tab) | | 3 | **Emitter** | Connected to the positive supply (PNP) | --- ### 4. Common Applications * **Voltage Regulators:** Used in linear regulators for low-voltage drop. * **Relay/Solenoid Drivers:** Its 2A capacity allows it to drive mechanical components easily. * **Audio Amplifiers:** Used in the output stages of small portable audio devices. * **Power Management:** DC-DC converters and battery-charging circuits. --- ### 5. Complementary Pair In push-pull amplifier configurations, the 2SB1188 (PNP) is often paired with its NPN counterpart: * **Complementary NPN:** **2SD1766**
    ✨ Follow-up Questions
    • ⤷ What are the alternative surface-mount packages for the 2SB1188 besides SOT-89?
    • ⤷ How does the 'R' gain ranking compare to the 'Q' or 'P' rankings?
    • ⤷ Can you provide a simple circuit diagram for using this transistor as a switch?