Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1203-R

  • AI
    ## Overview of the 2SB1203-R Transistor The **2SB1203-R** is a high-current, low-saturation voltage PNP epitaxial planar silicon transistor. It is specifically designed for applications requiring high-speed switching and high efficiency in power management. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics typically found in the datasheet: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-to-Base Voltage | $V_{CBO}$ | -60 | V | | Collector-to-Emitter Voltage | $V_{CEO}$ | -50 | V | | Emitter-to-Base Voltage | $V_{EBO}$ | -6 | V | | Collector Current (DC) | $I_C$ | -5 | A | | Collector Current (Pulse) | $I_{CP}$ | -8 | A | | Collector Dissipation ($T_c = 25^\circ C$) | $P_C$ | 20 | W | | Junction Temperature | $T_j$ | 150 | $^\circ$C | --- ### 2. The "R" Classification The suffix **"R"** indicates the DC current gain ($h_{FE}$) rank of the transistor. For the 2SB1203, the gain is categorized as follows: | Rank | $h_{FE}$ Range | | :--- | :--- | | **R** | **100 to 200** | | S | 140 to 280 | | T | 200 to 400 | | U | 280 to 560 | --- ### 3. Features and Benefits * **Low Saturation Voltage:** Provides high efficiency and low heat generation during operation. * **High Speed:** Suitable for fast switching applications. * **Large Current Capacity:** Despite its compact size, it can handle up to 5A of continuous current. * **Complementary Pair:** Its NPN counterpart is the **2SD1803**, often used together in push-pull amplifier circuits. --- ### 4. Typical Applications The 2SB1203-R is commonly used in: 1. **Voltage Regulators:** Serving as a pass transistor. 2. **Relay Drivers:** Switching high-current loads from low-power logic signals. 3. **DC-DC Converters:** Efficiency-critical power conversion. 4. **Motor Drivers:** Controlling small to medium-sized DC motors. --- ### 5. Physical Package (TP/TP-FA) The device is usually housed in a **TO-251 (TP)** or **TO-252 (TP-FA)** package. ```text Pin Configuration: 1. Base (B) 2. Collector (C) 3. Emitter (E) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2SB1203-R and its NPN complement 2SD1803?
    • ⤷ Can this transistor be used in PWM motor control circuits?
    • ⤷ What are the thermal management requirements for this transistor at 5A?