Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1216-R

  • AI
    ## 2SB1216-R Electronic Component Overview The **2SB1216-R** is a high-performance PNP epitaxial planar silicon transistor. It is specifically designed for applications requiring high-speed switching and low saturation voltage, often used in power supplies and motor drivers. --- ### 1. Key Technical Specifications | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-to-Base Voltage** | $V_{CBO}$ | -120 | V | | **Collector-to-Emitter Voltage** | $V_{CEO}$ | -100 | V | | **Emitter-to-Base Voltage** | $V_{EBO}$ | -6 | V | | **Collector Current (DC)** | $I_C$ | -4 | A | | **Collector Current (Pulse)** | $I_{CP}$ | -8 | A | | **Total Power Dissipation** | $P_D$ | 1.0 (free air) / 20 ($T_C=25^\circ C$) | W | | **Junction Temperature** | $T_j$ | 150 | $^\circ C$ | --- ### 2. Characteristics of the "R" Rank The suffix **"R"** in 2SB1216-R refers to the **DC Current Gain ($h_{FE}$)** classification. Transistors in this series are binned based on their gain levels: * **R Rank Range:** 100 to 200 $h_{FE}$ * *(Other ranks include Q: 70-140 and S: 140-280)* --- ### 3. Major Features * **Low Saturation Voltage:** Typically exhibits a very low $V_{CE(sat)}$, which reduces power loss during operation. * **High Speed:** Features a high gain-bandwidth product ($f_T$) and fast switching times (short fall and rise times). * **Large Current Capacity:** Despite its relatively small package size, it can handle a continuous current of up to 4A. * **Complementary Pair:** Its NPN counterpart is the **2SD1815**. --- ### 4. Common Applications 1. **Switching Regulators:** Used in DC-DC converters for efficient power conversion. 2. **Motor Drivers:** Ideal for H-bridge circuits in small to medium motor control. 3. **Audio Amplifiers:** Used in the output stages of power amplifiers due to its high voltage rating and linearity. 4. **Relay Drivers:** Handling inductive loads where high peak currents are present. --- ### 5. Package Dimensions (SANYO/ON Semi) The 2SB1216 is typically found in the **TP** (standard) or **TP-FA** (surface mount) packages, which are similar in footprint to the TO-251 or TO-252 (DPAK). ```text Pin Configuration: 1. Base 2. Collector 3. Emitter ``` ---
    ✨ Follow-up Questions
    • ⤷What is the NPN complementary transistor for the 2SB1216-R?
    • ⤷ How does the low saturation voltage benefit battery-powered devices?
    • ⤷ What are the physical dimensions of the TP/TO-251 package?