Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1219-R

  • AI
    The **2SB1219-R** is a Silicon PNP epitaxial planar type transistor, primarily used for low-frequency amplification and switching applications. It is part of a series often found in consumer electronics due to its compact size and reliable performance. --- ### 1. Key Technical Specifications The "R" suffix typically refers to the **hFE (DC current gain)** classification, indicating a specific range of gain. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -60 V | | Collector-Emitter Voltage | $V_{CEO}$ | -50 V | | Emitter-Base Voltage | $V_{EBO}$ | -7 V | | Collector Current (DC) | $I_C$ | -100 mA | | Peak Collector Current | $I_{CP}$ | -200 mA | | Collector Power Dissipation | $P_C$ | 200 mW | | Junction Temperature | $T_j$ | 150 °C | --- ### 2. Physical Characteristics & Package The 2SB1219-R is usually housed in a **Mini-type 3-pin package (SOT-23)**, making it ideal for high-density surface mount technology (SMT) designs. * **Compact Design:** Small footprint for portable devices. * **Pin Configuration:** 1. **Base** (B) 2. **Emitter** (E) 3. **Collector** (C) *(Note: Always verify the specific manufacturer datasheet for pinout orientation as it can vary slightly).* --- ### 3. HFE (Current Gain) Classification Transistors in this series are categorized by their DC current gain ($h_{FE}$). The **"R"** ranking generally falls into the following range: | Rank | Symbol | $h_{FE}$ Range | | :--- | :--- | :--- | | Q | Q | 160 to 260 | | **R** | **R** | **210 to 340** | | S | S | 290 to 460 | --- ### 4. Typical Applications * **Signal Amplification:** Used in the pre-amplifier stages of audio equipment. * **Switching:** Acting as a digital switch for low-current loads (LEDs, small relays). * **Driver Circuits:** Driving the base of larger power transistors. --- ### 5. Equivalent/Complementary Parts * **Complementary NPN Pair:** The NPN counterpart to the 2SB1219 is the **2SD1819**. Using these together allows for push-pull amplifier configurations. * **Equivalent Models:** If the 2SB1219-R is unavailable, common substitutes include the **BC857** or **2SA1037**, though electrical characteristics and pinouts should be double-checked.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PNP and NPN transistors in a circuit?
    • ⤷How do I interpret the hFE value when designing an amplifier?
    • ⤷Can I replace a 2SB1219 with a through-hole transistor like the BC557?