Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1386-R

  • AI
    ## Technical Overview of the 2SB1386-R Transistor The **2SB1386-R** is a high-performance PNP epitaxial planar silicon transistor. It is primarily designed for power amplification and general-purpose switching applications where a low saturation voltage and high current capacity are required. ### 1. Key Features and Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, ensuring the gain falls within a specific range (usually 120 to 270). | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -30 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -20 | V | | Emitter-Base Voltage | $V_{EBO}$ | -6 | V | | Collector Current (DC) | $I_C$ | -5 | A | | Collector Current (Pulse) | $I_{CP}$ | -10 | A | | Collector Power Dissipation | $P_C$ | 0.5 to 2.0* | W | | Junction Temperature | $T_j$ | 150 | °C | *\*Note: Power dissipation depends significantly on the mounting surface/PCB heat sinking.* --- ### 2. Internal Structure and Package The 2SB1386 is usually found in the **SOT-89** (also known as MPT3) surface-mount package. This package is favored for its small footprint combined with decent thermal management capabilities. **Pinout Configuration (SOT-89):** 1. **Base (B)**: Controls the flow of current between Emitter and Collector. 2. **Collector (C)**: The output terminal (connected to the large cooling tab). 3. **Emitter (E)**: The input terminal for a PNP configuration. --- ### 3. Electrical Characteristics (Typical) The 2SB1386-R is highly regarded for its efficiency in saturated states. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically around -1.0V at $I_C = -4A$, minimizing power loss during switching. * **High Current Capacity:** Able to handle up to 5A of continuous current despite its small size. * **Gain Bandwidth Product ($f_T$):** Typically 120 MHz, making it suitable for high-speed switching. --- ### 4. Common Applications Due to its high current handling and PNP polarity, it is commonly used in: * **Voltage Regulators:** Used as a pass transistor in linear power supplies. * **Relay Drivers:** Ideal for switching inductive loads. * **DC-DC Converters:** Acts as a high-side switch. * **Audio Amplifiers:** Used in the output stages of portable audio devices. --- ### 5. Equivalent Replacement Parts If the 2SB1386-R is unavailable, the following transistors are often considered as alternatives (check pinouts as they may vary): * **2SB1412** * **2SB1188** * **BCP52** (Similar PNP Power Transistor)
    ✨ Follow-up Questions
    • ⤷ What is the exact hFE range for the 'R' classification compared to the 'Q' or 'P' variants?
    • ⤷ How does the SOT-89 thermal resistance affect the maximum power dissipation in a real-world PCB layout?
    • ⤷ Can you provide a simple circuit diagram for using the 2SB1386-R as a high-side switch?