Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1386-R-

  • AI
    The **2SB1386-R** is a specific variant of a PNP epitaxial planar silicon transistor, commonly used in medium-power amplification and switching applications. Below is a detailed breakdown of its technical characteristics and usage. --- ## 1. General Overview The 2SB1386 is designed for power amplification. The suffix **"-R"** indicates the **hFE (DC Current Gain) rank**, which typically falls within a specific range defined by the manufacturer (usually Rohm Semiconductor). ### Key Features: * **Type:** PNP Silicon Epitaxial Planar Transistor. * **Package:** Usually found in a **SOT-89** package (Surface Mount). * **Low Saturation Voltage:** $V_{CE(sat)} = -0.5V$ (Max) at $I_C = -2A$. * **Complementary NPN Part:** 2SD2098. --- ## 2. Technical Specifications The following table outlines the absolute maximum ratings and electrical characteristics: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | -30 | V | | Collector-Emitter Voltage | $V_{CEO}$ | -20 | V | | Emitter-Base Voltage | $V_{EBO}$ | -6 | V | | Collector Current (DC) | $I_C$ | -5 | A | | Collector Current (Pulse) | $I_{CP}$ | -10 | A | | Power Dissipation ($T_a = 25^\circ C$) | $P_D$ | 0.5 | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ## 3. hFE Classification (The "-R" Suffix) Transistors are often binned by their DC current gain. For the 2SB1386, the "R" classification typically represents: | Rank | Gain Range ($h_{FE}$) | | :--- | :--- | | **Q** | 120 to 270 | | **R** | **180 to 390** | --- ## 4. Typical Applications Due to its high current capacity and low saturation voltage, this part is ideal for: 1. **Power Management:** Used in voltage regulators and battery-operated devices. 2. **Switching:** Driving actuators, relays, or LEDs where high current is required. 3. **Audio Amplification:** Used in the output stages of medium-power audio equipment. --- ## 5. Pinout Configuration (SOT-89) When looking at the front of the SOT-89 package (pins pointing down): 1. **Base (B):** Input signal control. 2. **Collector (C):** Connected to the larger middle tab for heat dissipation. 3. **Emitter (E):** Usually connected to the positive supply in a PNP configuration. ---
    ✨ Follow-up Questions
    • ⤷ What are the key differences between the 2SB1386 and its NPN complement 2SD2098?
    • ⤷ How does the SOT-89 package affect thermal management compared to a TO-92 package?
    • ⤷ Can the 2SB1386 be used in high-frequency switching applications above 100MHz?