Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SB1424-R

  • AI
    ## 2SB1424-R Electronic Component Overview The **2SB1424-R** is a high-performance **PNP Epitaxial Planar Silicon Transistor** primarily designed for power amplification and switching applications. It is frequently paired with its NPN complement, the **2SD2150**. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics for the 2SB1424-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -20 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -20 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | -6 | V | | **Collector Current (DC)** | $I_C$ | -3 | A | | **Collector Current (Pulse)** | $I_{CP}$ | -5 | A | | **Power Dissipation** | $P_D$ | 0.5 to 2.0* | W | | **Junction Temperature** | $T_j$ | 150 | °C | *\*Note: Power dissipation varies depending on the PCB mounting/heat sinking.* --- ### 2. The "R" Classification (hFE Rank) The suffix **"R"** denotes the DC Current Gain ($h_{FE}$) classification. Transistors are sorted into bins based on their gain efficiency: | Rank | $h_{FE}$ Range | | :--- | :--- | | **Q** | 120 – 270 | | **R** | **180 – 390** | | **S** | 270 – 560 | --- ### 3. Distinctive Features * **Low Saturation Voltage:** Typically $V_{CE(sat)} = -0.2V$ at $I_C = -2A$. This reduces power loss and heat generation. * **High Current Capacity:** Despite its small size, it can handle a continuous current of up to 3A. * **Miniature Packaging:** Usually found in the **SOT-89** (also known as MPT3) surface-mount package, making it ideal for compact electronic designs. --- ### 4. Common Applications Due to its high current handling and low saturation voltage, the 2SB1424-R is used in: 1. **Voltage Regulators:** Used in linear regulator circuits for power management. 2. **Relay Drivers:** Driving electromagnetic relays from low-power logic signals. 3. **DC-DC Converters:** Efficiency in switching applications. 4. **Audio Amplifiers:** Output stage for low-power portable audio devices. --- ### 5. Equivalent/Substitute Parts If the 2SB1424-R is unavailable, the following parts are often considered as alternatives (check pinouts before replacing): * **2SB1412** (Higher voltage rating) * **2SA1797** * **BCX52** (Similar SOT-89 PNP, but check current ratings) ---
    ✨ Follow-up Questions
    • ⤷ What is the NPN complementary transistor for the 2SB1424-R?
    • ⤷ Can this transistor be used in a 24V circuit?
    • ⤷ What are the specific dimensions of the SOT-89 package used by this part?