Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC2383TQ-R

  • AI
    ## Overview of the 2SC2383TQ-R The **2SC2383TQ-R** is a high-voltage NPN epitaxial silicon transistor. It is primarily designed for use in color TV audio output stages, vertical deflection output stages, and general-purpose switching applications. ### 1. Basic Specifications The "TQ-R" suffix typically refers to the **Taping/Packaging** style and the **hFE (Current Gain) classification**. | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 160 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 160 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6.0 | V | | **Collector Current (DC)** | $I_C$ | 1.0 | A | | **Collector Power Dissipation** | $P_C$ | 900 | mW | | **Junction Temperature** | $T_j$ | 150 | °C | --- ### 2. Key Features * **High Voltage Capability:** With a $V_{CEO}$ of 160V, it is suitable for circuits with high rail voltages. * **High Current Drive:** Capable of handling up to 1A continuous current. * **Excellent Linearity:** Provides good gain consistency across different current levels. * **Complementary Pair:** The PNP complement to this transistor is the **2SA1013**. --- ### 3. Pin Configuration (TO-92L Package) Most 2SC2383 transistors come in a **TO-92L** (Long) package, which is slightly larger than a standard TO-92 to allow for better heat dissipation. | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Emitter** | Current exits the transistor | | 2 | **Collector** | Current enters the transistor | | 3 | **Base** | Controls the transistor bias | --- ### 4. Typical Applications * **Audio Amplifiers:** Used in the driver stage or output stage of medium-power amplifiers. * **TV Circuits:** Vertical output and video output stages. * **Switching:** Power switching in industrial control circuits. * **DC-DC Converters:** Voltage regulation and power management. --- ### 5. Identification (The "R" Suffix) In transistor nomenclature, the "R" often represents the **hFE (DC Current Gain)** rank. For this specific family: * **R Rank:** 60 to 120 * **O Rank:** 100 to 200 * **Y Rank:** 160 to 320 --- ### Code Example: Basic NPN Switching Circuit ```cpp // Schematic Logic for using 2SC2383 as a switch // Base connected to MCU Pin via 1k resistor // Collector connected to Load (e.g., 24V Relay) // Emitter connected to Ground (GND) void setup() { pinMode(D1, OUTPUT); // Signal to Transistor Base } void loop() { digitalWrite(D1, HIGH); // Transistor ON (Saturated) delay(1000); digitalWrite(D1, LOW); // Transistor OFF (Cut-off) delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the 2SC2383 and the 2SC2383-Y?
    • ⤷ Can I use a 2N2222 as a replacement for the 2SC2383?
    • ⤷ What are the thermal considerations for the TO-92L package at 1 Amp?