Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC3647L-AB3-R

  • AI
    The **2SC3647L-AB3-R** is a high-speed switching NPN epitaxial silicon transistor commonly used in power management and signal amplification circuits. Below is a detailed technical breakdown of this electronic component. --- ## 1. General Overview The 2SC3647 is designed for high-frequency applications and power switching. The suffixes in the part number (e.g., **AB3-R**) typically denote the package type and the tape-and-reel packaging format used by manufacturers like **UTC (Unisonic Technologies)**. ### Key Applications * **DC-to-DC Converters:** Efficiently switching power levels. * **Voltage Regulators:** Maintaining stable output in power supplies. * **High-Speed Switching:** Used in logic and pulse circuits. * **Relay Drivers:** Controlling larger loads with small input signals. --- ## 2. Technical Specifications The following table outlines the Absolute Maximum Ratings (at $T_a = 25^\circ C$): | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 100 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 100 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Continuous Collector Current | $I_C$ | 2 | A | | Peak Collector Current | $I_{CP}$ | 3 | A | | Collector Power Dissipation | $P_C$ | 1.0 (on PCB) | W | | Junction Temperature | $T_j$ | 150 | °C | --- ## 3. Electrical Characteristics These parameters define how the transistor performs under specific operating conditions: * **Current Gain ($h_{FE}$):** Typically ranges between 100 and 400, depending on the specific gain grade. * **Transition Frequency ($f_T$):** Usually around **120 MHz**, making it suitable for high-speed signal processing. * **Saturation Voltage ($V_{CE(sat)}$):** Low saturation (approx. 0.5V at $I_C = 1A$), which minimizes power loss during the "ON" state. * **Output Capacitance ($C_{ob}$):** Generally low, enhancing switching speeds. --- ## 4. Package and Suffix Identification The code **AB3-R** provides specific mechanical information: | Part Segment | Meaning | | :--- | :--- | | **2SC3647** | Base Part Number (NPN Transistor) | | **L** | Lead-free / Halogen-free (Environmental compliance) | | **AB3** | **SOT-89** Package (Surface mount with three leads) | | **R** | **Tape and Reel** (Packaging for automated assembly) | ### Pinout (SOT-89) 1. **Base (B)** 2. **Collector (C)** - Large tab for heat dissipation. 3. **Emitter (E)** ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent cross-reference parts for the 2SC3647?
    • ⤷ How does the low saturation voltage benefit battery-powered designs?
    • ⤷ Can this transistor be used in a Class AB amplifier circuit?