Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC3649-R-HF

  • AI
    The **2SC3649-R-HF** is a High-Frequency, NPN Epitaxial Silicon Transistor designed primarily for high-speed switching and high-voltage drive applications. --- ## 1. Technical Specifications The following table outlines the absolute maximum ratings and key electrical characteristics for this specific part: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Type** | Polar | NPN | - | | **Collector-Base Voltage** | $V_{CBO}$ | 160 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 160 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current (DC)** | $I_C$ | 1.5 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 2.5 | A | | **Collector Dissipation** | $P_C$ | 1.0 | W | | **DC Current Gain** | $h_{FE}$ | 100 to 200 (R Class) | - | | **Transition Frequency** | $f_T$ | 120 (Typ) | MHz | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific version of the component: * **2SC3649**: The base part number for the NPN transistor. * **-R**: Indicates the **hFE (DC current gain) rank**. The "R" rank typically falls between **100 and 200**. * **-HF**: Stands for **Halogen-Free**, indicating the component complies with environmental safety standards regarding halogenated flame retardants. --- ## 3. Key Features and Applications ### Key Features * **High Voltage:** Capable of handling up to 160V, making it suitable for circuits with high potential differences. * **High Speed:** A transition frequency of 120 MHz allows for fast switching and high-frequency amplification. * **Excellent Linearity:** Provides stable gain ($h_{FE}$) characteristics over a range of collector currents. * **Compact Packaging:** Usually found in a SOT-89 or similar small-form-factor surface mount package. ### Common Applications 1. **Color TV/Monitor Inverters:** Used in the drive circuits for display backlighting or high-voltage control. 2. **DC-DC Converters:** High-speed switching capabilities make it efficient for power conversion. 3. **High-Voltage Drivers:** Ideal for relay drivers or solenoid control in industrial electronics. 4. **Audio Amplifiers:** Used in the driver stages of high-fidelity audio equipment. --- ## 4. Complimentary Part In many push-pull circuit configurations, the 2SC3649 (NPN) is paired with its PNP complement: * **Complementary PNP Part:** **2SA1429**
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance rating for the SOT-89 package of this transistor?
    • ⤷ Can you provide a comparison between the 'R' and 'S' gain ranks for this part?
    • ⤷ What are the recommended soldering temperature profiles for the -HF version?