Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC3853_15

  • AI
    The **2SC3853** (often referred to with suffix variations like _15) is a high-power NPN Silicon Epitaxial Planar Transistor. It is primarily designed for high-fidelity audio amplification and high-speed power switching applications. --- ### 1. Key Technical Specifications The following table highlights the absolute maximum ratings and electrical characteristics for the 2SC3853: | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 100 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 80 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Dissipation ($T_c = 25^\circ C$) | $P_C$ | 25 | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### 2. Physical and Operational Features * **Package Type:** Usually found in a **TO-220** or **TO-220F** (Full Pack) mold. This package allows for easy mounting to a heatsink. * **Polarity:** **NPN**. It is frequently paired with a PNP complementary transistor (like the **2SA1489**) for push-pull amplifier circuits. * **Current Gain ($h_{FE}$):** The "_15" suffix often denotes a specific gain grouping. Typically, the $h_{FE}$ ranges from 40 to 180, depending on the classification. * **Transition Frequency ($f_T$):** Approximately 20 MHz, making it suitable for high-frequency response in audio equipment. --- ### 3. Common Applications Due to its robust power handling and linear gain characteristics, it is found in: 1. **Audio Power Amplifiers:** Used in the output stage of home stereo systems and professional audio gear. 2. **Voltage Regulators:** Employed in series pass regulator circuits for stable DC output. 3. **High-Speed Switching:** Used in industrial control circuits requiring up to 5A of current switching. --- ### 4. Circuit Symbol and Pinout ```text TO-220 Package +-----------+ | 2SC3853 | | [ O ] | <-- Mounting Hole +-----------+ | | | 1 2 3 B C E 1. Base (B): Control terminal 2. Collector (C): Connected to the positive rail (in NPN) 3. Emitter (E): Output/Ground terminal ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended heat dissipation methods for the 2SC3853 in high-power circuits?
    • ⤷ Which PNP transistor is the best complementary match for the 2SC3853?
    • ⤷ How does the '15' suffix specifically affect the gain (hFE) classification?