Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC4115S-R

  • AI
    The **2SC4115S-R** is a high-performance NPN epitaxial planar silicon transistor commonly used in low-frequency amplification and switching applications. It belongs to a family of transistors known for their high reliability and stable characteristics. --- ### ## Technical Specifications The table below summarizes the key electrical characteristics and absolute maximum ratings for the 2SC4115S-R. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 50 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 500 | mA | | Collector Power Dissipation | $P_C$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | | DC Current Gain ($h_{FE}$) | $h_{FE}$ | 180 to 390 (R Rank) | - | --- ### ## Key Features 1. **Low Saturation Voltage:** The transistor exhibits a very low collector-emitter saturation voltage ($V_{CE(sat)}$), typically 0.1V at $I_C = 100mA$. This makes it highly efficient in switching roles. 2. **High Gain:** The "R" suffix indicates the specific gain classification ($h_{FE}$ rank), ranging from 180 to 390, providing excellent sensitivity for amplification. 3. **Miniature Packaging:** Usually available in the **SOT-23** (or similar surface-mount) package, making it ideal for high-density circuit boards in portable electronics. 4. **High Speed:** Suitable for high-speed switching due to its low internal capacitance. --- ### ## Typical Applications * **Signal Amplification:** Used in audio pre-amplifiers and signal processing circuits. * **Switching:** Ideal for driving LEDs, relays, or acting as a logic level shifter because of the low saturation voltage. * **Power Management:** Used in voltage regulation circuits for small electronic devices. --- ### ## Equivalent/Substitute Parts If the 2SC4115S-R is unavailable, the following NPN transistors are common alternatives (though pinouts and gain ranks should be verified): * **2SC1623** (Lower current rating) * **BC847** (General purpose NPN) * **MMBT2222A** (Higher current capacity)
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the R
    • ⤷ Q
    • ⤷ and S gain ranks for this transistor?
    • ⤷ Can the 2SC4115S-R be used in a 12V automotive switching circuit?
    • ⤷ How does the power dissipation change with ambient temperature?