Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC4672-AB3-R

  • AI
    ## Technical Overview: 2SC4672-AB3-R The **2SC4672-AB3-R** is a high-performance, NPN epitaxial planar silicon transistor. It is specifically designed for applications requiring high current capacity and low saturation voltage. It is commonly found in power management circuits, such as DC-DC converters and motor drivers. --- ### 1. Key Specifications Below are the primary electrical characteristics of the 2SC4672-AB3-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 50 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 32 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 5 | V | | **Collector Current (DC)** | $I_C$ | 2 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 3 | A | | **Total Power Dissipation** | $P_D$ | 500 | mW | | **DC Current Gain** | $h_{FE}$ | 120 - 390 | - | --- ### 2. Physical & Packaging Details The suffix "AB3-R" typically refers to the packaging and taping style used by manufacturers (often UTC - Unisonic Technologies). * **Package Type:** **SOT-89**. This is a surface-mount package designed for better heat dissipation than the standard SOT-23. * **Mounting Type:** Surface Mount (SMD/SMT). * **RoHS Status:** Halogen-free and Lead-free (indicated by the "R" suffix in many naming conventions). --- ### 3. Features and Advantages * **Low Saturation Voltage:** Usually $V_{CE(sat)} \leq 0.5V$ at $I_C = 2A$. This reduces power loss and heat generation during operation. * **High Current Capacity:** Despite its small size, it can handle up to 2 Amps of continuous current. * **Complementary Pair:** The PNP equivalent is often the **2SA1797**. --- ### 4. Typical Applications 1. **Voltage Regulation:** Used in linear regulators or as a pass transistor. 2. **Relay/Solenoid Drivers:** Its high current capability makes it ideal for switching inductive loads. 3. **DC-DC Converters:** Used in the switching stage of power supplies. 4. **Audio Amplification:** Used in the output stages of low-power audio amplifiers. --- ### 5. Terminal Configuration (SOT-89) Looking at the front (labeled side) with the pins pointing down: 1. **Base (B)** 2. **Collector (C)** - (Also connected to the large center heat-sink tab) 3. **Emitter (E)**
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating junction temperature for this transistor?
    • ⤷ How does the SOT-89 package compare to the SOT-223 in terms of thermal performance?
    • ⤷ Can you provide a circuit example for using this transistor as a switch?