Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SC5259

  • AI
    The **2SC5259** is a high-frequency NPN silicon epitaxial transistor primarily designed for low-noise amplification in the VHF, UHF, and CATV bands. It is widely used in telecommunications equipment due to its high gain-bandwidth product and low noise characteristics. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics typically found in the 2SC5259 datasheet: | Parameter | Symbol | Typical Value | Unit | |:---|:---:|:---:|:---:| | **Collector-Base Voltage** | $V_{CBO}$ | 20 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 10 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 1.5 | V | | **Collector Current** | $I_C$ | 35 | mA | | **Collector Power Dissipation** | $P_C$ | 150 | mW | | **Transition Frequency** | $f_T$ | 8.0 | GHz | | **Noise Figure** | $NF$ | 1.1 (@ 1 GHz) | dB | --- ### 2. Physical and Pin Configuration The 2SC5259 is usually housed in a small surface-mount package, such as the **SOT-323 (SC-70)** or similar compact footprints. **Pinout Diagram (Typical):** 1. **Base (B):** Input signal control. 2. **Emitter (E):** Common point (usually grounded). 3. **Collector (C):** Output signal terminal. --- ### 3. Main Features * **High Gain-Bandwidth Product ($f_T$):** With a value around 8 GHz, it is capable of handling very high-frequency signals with minimal loss. * **Low Noise Figure:** It provides high sensitivity for receiving weak signals, making it ideal for the first stage of an RF amplifier. * **Small Package:** The miniature SOT-323 package helps in high-density PCB designs and reduces parasitic inductance/capacitance. --- ### 4. Common Applications * **VHF/UHF Amplifiers:** Used in television tuners and radio receivers. * **CATV Systems:** Broadband signal distribution. * **LNA (Low Noise Amplifiers):** Front-end amplification for wireless communication devices. * **Oscillators:** High-frequency signal generation. --- ### 5. Circuit Implementation Example A basic Common Emitter configuration for this transistor would look like this in a schematic representation: ```text Vcc (+) | [ R_c ] |-------- Output (C) __|__ In --| B | (2SC5259) --|-- | ( E ) | GND ``` ---
    ✨ Follow-up Questions
    • ⤷What are the recommended biasing conditions for 2SC5259 to achieve the lowest noise figure?
    • ⤷ Can the 2SC5259 be used in power amplifier stages
    • ⤷ or is it strictly for small signals?
    • ⤷ What are the common SMD equivalents or substitutes for the 2SC5259?