Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD1007-R

  • AI
    ## Overview of the 2SD1007-R Transistor The **2SD1007-R** is a high-frequency, NPN epitaxial silicon transistor. It is primarily designed for high-speed switching and high-frequency amplification applications. The "R" suffix typically refers to the **hFE (DC Current Gain)** classification range. --- ### 1. Key Technical Specifications | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 50 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 700 | mA | | Total Power Dissipation | $P_D$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | ### 2. Electrical Characteristics * **Current Gain (hFE):** The "R" classification generally signifies a gain range between **120 and 240**. * **Transition Frequency ($f_T$):** Typically around **100 to 200 MHz**, making it suitable for RF signal processing. * **Saturation Voltage:** It features a low collector-emitter saturation voltage, $V_{CE(sat)}$, which improves efficiency in switching circuits. --- ### 3. Physical Package (SOT-23) The 2SD1007-R is usually housed in a **SOT-23** surface-mount package. The pin configuration is standard for this package: 1. **Base (B)** 2. **Emitter (E)** 3. **Collector (C)** --- ### 4. Common Applications * **High-Speed Switching:** Used in digital circuits to toggle power or signals quickly. * **Signal Amplification:** Ideal for small-signal RF and AF (Audio Frequency) amplification. * **Driver Circuits:** Acts as a driver for small relays, LEDs, or other peripheral components. --- ### 5. Equivalent/Substitute Parts If the 2SD1007-R is unavailable, the following transistors are often considered compatible substitutes, though you should always verify the pinout and gain: * **BC817** (Commonly used equivalent) * **2SD601** * **MMBT2222A** (General purpose alternative)
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'S' gain classifications for this transistor?
    • ⤷ Can the 2SD1007-R be used in a 12V automotive circuit?
    • ⤷ What are the specific thermal management requirements for the SOT-23 package?