Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD1820-R

  • AI
    ## Overview of the 2SD1820-R The **2SD1820-R** is a Silicon NPN epitaxial planar type transistor specifically designed for low-frequency amplification and general-purpose switching. It is frequently found in consumer electronics due to its compact size and reliable performance. --- ### 1. Key Technical Specifications The "R" suffix typically refers to the **hFE (DC Current Gain)** classification, indicating a specific range of gain efficiency. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 60 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 50 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V | | **Collector Current** | $I_C$ | 500 | mA | | **Total Power Dissipation** | $P_T$ | 200 | mW | | **DC Current Gain (hFE)** | $h_{FE}$ | 120 to 240 | - | | **Package Type** | S-Mini | SOT-23 | - | --- ### 2. Pin Configuration The 2SD1820-R is usually housed in a small surface-mount package (SOT-23). The pinout is standard for this series: 1. **Base (B):** Controls the current flow between the collector and emitter. 2. **Emitter (E):** Where the current exits the transistor (in NPN). 3. **Collector (C):** Where the current enters the transistor. --- ### 3. Features and Applications The device is optimized for high-density mounting and efficiency in small-signal processing. * **Features:** * Low collector-emitter saturation voltage $V_{CE(sat)}$. * High collector current capacity ($I_C = 500mA$) relative to its size. * Excellent linearity of forward current transfer ratio. * **Common Applications:** * **Audio Preamplifiers:** Used in the initial stages of sound processing. * **Switching:** Acting as a gate for small loads like LEDs or small relays. * **Signal Buffering:** Isolating different stages of a circuit to prevent interference. --- ### 4. Circuit Implementation Example In a basic switching application, a small current at the Base allows a larger current to flow from the Collector to the Emitter. ```cpp // Logic Representation Base Current (Low) -> Transistor OFF -> Load Deactivated Base Current (High) -> Transistor ON -> Load Activated ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R
    • ⤷ S
    • ⤷ and Q gain rankings for this transistor?
    • ⤷ Can the 2SD1820-R be replaced by a common 2N2222 in most circuits?
    • ⤷ What are the specific soldering temperature limits for its SOT-23 package?