Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD2098-R

  • AI
    ## Technical Overview of the 2SD2098-R The **2SD2098-R** is a high-performance, NPN epitaxial planar silicon transistor. It is primarily designed for high-current applications where a low saturation voltage is required, such as power supplies and motor drivers. --- ### 1. Key Technical Specifications The suffix **"R"** typically denotes the hFE (DC current gain) ranking. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 50 V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 V | | Emitter-Base Voltage | $V_{EBO}$ | 6 V | | Collector Current (DC) | $I_C$ | 5 A | | Collector Current (Pulse) | $I_{CP}$ | 10 A | | Collector Power Dissipation | $P_C$ | 500 mW (at $T_a=25^\circ C$) | | Junction Temperature | $T_j$ | 150 °C | --- ### 2. Major Features * **Low Saturation Voltage:** Usually $V_{CE(sat)} \leq 0.5V$ at $I_C = 3A$, which minimizes power loss and heat generation. * **High Current Capacity:** Despite its small physical footprint, it can handle up to 5 Amps of continuous current. * **Fast Switching:** Suitable for high-speed PWM (Pulse Width Modulation) applications. * **hFE Classification (R):** The "R" rank generally signifies a current gain range between **180 and 390**. --- ### 3. Pinout Configuration The 2SD2098 is commonly found in the **SOT-89** (Surface Mount) package. Looking at the front (marked side) with leads pointing down: 1. **Base (B):** Control terminal. 2. **Collector (C):** Connected to the larger cooling tab. 3. **Emitter (E):** Output/Ground terminal. --- ### 4. Typical Applications * **Voltage Regulators:** Used in DC-DC converters for efficient power regulation. * **Relay/Solenoid Drivers:** High current handling makes it ideal for driving inductive loads. * **Motor Control:** Utilized in H-bridge circuits for small DC motors. * **Audio Amplifiers:** Used in the output stages of low-power audio equipment. --- ### 5. Complementary Part If you are designing a push-pull circuit, the PNP complementary transistor for the 2SD2098 is the **2SB1386**. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'Q' gain rankings for this transistor?
    • ⤷ Can the 2SD2098-R be used in 12V automotive applications safely?
    • ⤷ What are the best thermal management practices for the SOT-89 package?