Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD2150-R

  • AI
    The **2SD2150-R** is an NPN epitaxial planar silicon transistor designed primarily for low-frequency power amplification and driver stages. It is part of the "high current" small-signal transistor family. --- ### 1. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics for the 2SD2150-R (at $T_a = 25^\circ C$): | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 20 | V | | Emitter-Base Voltage | $V_{EBO}$ | 6 | V | | Collector Current (DC) | $I_C$ | 3 | A | | Collector Current (Pulse) | $I_{CP}$ | 5 | A | | Power Dissipation | $P_C$ | 0.5 | W | | Junction Temperature | $T_j$ | 150 | $^\circ C$ | --- ### 2. Feature Breakdown The 2SD2150-R is distinguished by several specific engineering features: * **Low Saturation Voltage:** It features a very low collector-emitter saturation voltage ($V_{CE(sat)}$), typically around **0.2V** at $I_C = 2A$. This reduces power loss and heat generation. * **High Current Capacity:** Despite its small package (usually SOT-89 or MPT3), it can handle a continuous current of up to 3 Amperes. * **HFE Ranking:** The suffix **"R"** denotes the DC current gain ($h_{FE}$) range. For this specific part, the "R" classification typically indicates a gain range between **180 and 390**. --- ### 3. Pin Configuration (SOT-89 / MPT3) Most 2SD2150 transistors use the SOT-89 surface-mount package. The pinout is generally as follows: 1. **Base (B):** Input signal control. 2. **Collector (C):** Connected to the load (middle pin and large metal tab). 3. **Emitter (E):** Connected to ground or common. --- ### 4. Typical Applications Due to its high current and low saturation voltage, this part is commonly found in: * **Voltage Regulators:** Used as a pass transistor in linear power supplies. * **Relay Drivers:** Driving high-current coils from low-power logic. * **Motor Control:** Small DC motor speed and direction control. * **LED Drivers:** Managing high-brightness LED arrays. --- ### 5. Equivalent/Substitute Parts If the 2SD2150-R is unavailable, the following parts are often considered as alternatives (check pinout and gain specs): * **2SD2098** (Similar high-current characteristics) * **BD139** (Through-hole equivalent, though larger package) * **ZTX651** (High current NPN)
    ✨ Follow-up Questions
    • ⤷What is the thermal resistance value for the 2SD2150-R in an SOT-89 package?
    • ⤷ How does the 'R' gain ranking compare to the 'Q' or 'S' rankings for this transistor?
    • ⤷ Can the 2SD2150-R be used in high-frequency RF switching applications?