Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD602-R

  • AI
    ## Technical Overview of the 2SD602-R The **2SD602-R** is an NPN epitaxial silicon transistor designed primarily for low-frequency voltage amplification and switching applications. It is frequently found in consumer electronics due to its high current gain and small form factor. ### 1. Key Specifications The following table outlines the absolute maximum ratings and electrical characteristics for the 2SD602-R: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 500 | mA | | Collector Power Dissipation | $P_C$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ### 2. Classification of DC Current Gain ($h_{FE}$) The suffix **"R"** in 2SD602-R specifically denotes the $h_{FE}$ (current gain) classification range. Transistors in this family are categorized as follows: * **Q:** 120 to 270 * **R:** 180 to 390 * **S:** 270 to 560 As an "R" variant, this component provides a balanced gain, making it suitable for pre-amplifier stages where moderate signal boosting is required. --- ### 3. Pin Configuration The 2SD602-R is typically housed in a **Mini-type 3-pin package (SOT-23 / SC-59)**. The pinout is standard for this series: 1. **Base (B):** Controls the current flow between Collector and Emitter. 2. **Emitter (E):** The lead through which the current leaves the transistor. 3. **Collector (C):** The lead through which the current enters. --- ### 4. Typical Applications * **Small Signal Amplification:** Used in audio or radio frequency stages to increase signal strength. * **Switching:** Acting as a digital switch to control small loads (up to 500mA). * **Driver Circuits:** Driving LEDs, small relays, or acting as a buffer in logic circuits. ### 5. Equivalent/Substitute Parts If the 2SD602-R is unavailable, the following NPN transistors are often used as functional equivalents (though package sizes may vary): * **BC817:** Similar current handling in SOT-23. * **2SC2412:** Common small-signal NPN. * **MMBT3904:** General-purpose switching transistor (lower current rating).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the R and S gain classifications for this transistor?
    • ⤷ Can the 2SD602-R be used in high-frequency switching applications?
    • ⤷ What is the complementary PNP transistor for the 2SD602-R?