Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD602A-R

  • AI
    The **2SD602A-R** is a NPN epitaxial silicon transistor designed primarily for low-frequency voltage amplification. It is commonly found in consumer electronics for signal switching and pre-amplifier stages. --- ## 1. Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, which determines the transistor's efficiency in amplification. | Parameter | Symbol | Maximum Rating | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 60 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 50 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current (DC) | $I_C$ | 500 | mA | | Total Power Dissipation | $P_D$ | 200 | mW | | Junction Temperature | $T_j$ | 150 | °C | --- ## 2. Key Features * **High Current Gain:** The "R" rank usually falls within the range of **120 to 240** hFE, making it sensitive to small input currents. * **Miniature Package:** Generally available in the **SOT-23** (Mini-type) surface-mount package, marked with a specific code (e.g., "ZR"). * **Complementary Pair:** Its PNP counterpart is the **2SB709A**, often used together in push-pull amplifier configurations. * **Low Noise:** Optimized for low-frequency applications to maintain signal integrity. --- ## 3. Pinout Configuration (SOT-23) When looking at the top of the SOT-23 package (with two pins at the bottom and one at the top): 1. **Base (B):** The input pin that controls the flow between Collector and Emitter. 2. **Emitter (E):** The output pin (usually connected to ground in NPN circuits). 3. **Collector (C):** The pin where the main current enters the transistor. --- ## 4. Common Applications * **Signal Switching:** Turning small DC loads on and off. * **Audio Pre-amplification:** Boosting low-level audio signals before they reach a power amplifier. * **Drive Circuits:** Driving LEDs, small relays, or other low-power components from a microcontroller GPIO. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'S' gain ranks for this transistor?
    • ⤷ Can the 2SD602A-R be used in high-frequency RF circuits?
    • ⤷ What are the best SMD alternatives if this part is obsolete?