Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD882A-R

  • AI
    ## Technical Overview of the 2SD882A-R Transistor The **2SD882A-R** (often shortened to D882) is a popular NPN power transistor designed for medium power applications. It is widely used in voltage regulation, relay drivers, and audio amplification due to its high current capacity relative to its compact size. --- ### 1. Key Specifications The "A" suffix typically denotes a higher voltage rating than the standard 2SD882, and the "R" suffix refers to the specific **DC Current Gain (hFE)** classification. | Parameter | Value | | :--- | :--- | | **Type** | NPN Epitaxial Planar Silicon Transistor | | **Package** | TO-126 (or SOT-89 for SMD versions) | | **Collector-Emitter Voltage ($V_{CEO}$)** | 60V | | **Collector-Base Voltage ($V_{CBO}$)** | 60V | | **Emitter-Base Voltage ($V_{EBO}$)** | 5V | | **Collector Current ($I_C$)** | 3.0A (Continuous) | | **Peak Collector Current ($I_{CP}$)** | 7.0A | | **Total Power Dissipation ($P_D$)** | 10W (with heat sink) / 1W (ambient) | | **Junction Temperature ($T_j$)** | 150°C | --- ### 2. Gain Classification (The "R" Suffix) Transistors are sorted by their current gain (hFE). The **R** rank indicates a specific range: | Rank | hFE Range | | :--- | :--- | | **R** | 60 to 120 | | **Q** | 100 to 200 | | **P** | 160 to 320 | | **E** | 200 to 400 | --- ### 3. Pin Configuration When looking at the front (labeled side) of the **TO-126** package with pins pointing down: 1. **Pin 1 (Emitter):** Current exits here to the ground/negative side. 2. **Pin 2 (Collector):** Connected to the load. 3. **Pin 3 (Base):** The trigger pin that controls the transistor. --- ### 4. Common Applications * **Voltage Regulators:** Used in linear power supplies to maintain steady output. * **Relay & Motor Drivers:** Its 3A capacity allows it to drive small DC motors or high-current relays. * **Audio Amplifiers:** Used in the output stage of low-to-medium power audio systems. * **DC-DC Converters:** Acts as a high-speed switch. --- ### 5. Implementation Example Here is a simple example of how to use the 2SD882 as a switch using an Arduino or microcontroller: ```cpp // Schematic Concept: // Pin 3 (Base) -> Resistor (1k ohm) -> Arduino Digital Pin // Pin 2 (Collector) -> Load (Motor/LED) -> Positive Voltage // Pin 1 (Emitter) -> GND ```
    ✨ Follow-up Questions
    • ⤷ What is the complementary PNP transistor for the 2SD882A-R?
    • ⤷ How does the power dissipation change without a heat sink?
    • ⤷ Can this transistor be used for high-frequency PWM switching?