Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD965A-R

  • AI
    ## Overview of the 2SD965A-R Transistor The **2SD965A-R** is a Silicon NPN epitaxial planar transistor specifically designed for high-current applications. It is widely recognized for its high current capacity despite its compact size, making it a staple in portable electronic devices. --- ### 1. Key Technical Specifications The "R" suffix typically denotes the **hFE (DC Current Gain)** classification, indicating a specific range of gain efficiency. | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 40 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 22 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V | | **Collector Current (DC)** | $I_C$ | 5 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 8 | A | | **Total Power Dissipation** | $P_D$ | 0.75 | W | | **DC Current Gain (R Rank)** | $h_{FE}$ | 230 – 600 | - | --- ### 2. Physical Characteristics The 2SD965A-R is generally housed in a **TO-92L** (also known as TO-92MOD) package. This is slightly taller than the standard TO-92 to allow for better heat dissipation. * **Pin Configuration:** 1. **Emitter (E)** 2. **Collector (C)** 3. **Base (B)** --- ### 3. Distinctive Features * **High Current Capacity:** Able to handle up to 5A of continuous current, which is exceptional for a TO-92 style package. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically low (around 0.35V at $I_C=3A$), which reduces power loss and heat during switching. * **High Gain:** The "R" rank provides a high gain (up to 600), allowing it to be driven by very small base currents. --- ### 4. Common Applications Due to its high current handling and fast switching speeds, it is commonly used in: * **Camera Strobes:** Charging and triggering flash circuits. * **Voltage Regulators:** Used in DC-DC converters. * **Motor Drivers:** Controlling small DC motors in toys or handheld devices. * **Relay Drivers:** Switching high-current relays using low-power microcontrollers. --- ### 5. Example Circuit Usage When using the 2SD965A-R as a switch, ensure a base resistor is used to limit the input current. ```arduino // Basic Switch Logic (Control Signal) ---> [Base Resistor] ---> Base (B) Collector (C) ---> [Load] ---> (VCC) Emitter (E) ---> (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the R
    • ⤷ S
    • ⤷ and T gain rankings for this transistor?
    • ⤷ Can the 2SD965A-R be replaced by a standard 2N2222 in most circuits?
    • ⤷ What is the maximum operating temperature for the 2SD965A-R?