Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD965A-R-T92-R

  • AI
    ## Overview of the 2SD965A-R-T92-R The **2SD965A-R-T92-R** is a specific variant of the 2SD965 NPN epitaxial silicon transistor. It is widely recognized for its high current capacity despite its small physical footprint, making it ideal for battery-powered applications and strobe flash units. --- ### 1. Part Number Breakdown Understanding the suffix codes helps identify the specific characteristics of this component: | Component Part | Meaning | | :--- | :--- | | **2SD965A** | The base model number (NPN Silicon Transistor). | | **-R** | **hFE (Gain) Classification**: Indicates a DC current gain range of 230 to 600. | | **-T92** | **Package Type**: TO-92 standard plastic package. | | **-R** | **Packing Style**: Usually indicates "Tape & Reel" or "Ammo Pack" for automated assembly. | --- ### 2. Key Technical Specifications Below are the absolute maximum ratings and electrical characteristics for the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Collector-Base Voltage | $V_{CBO}$ | 40 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 22 | V | | Emitter-Base Voltage | $V_{EBO}$ | 7 | V | | Collector Current (DC) | $I_C$ | 5 | A | | Collector Current (Pulse) | $I_{CP}$ | 8 | A | | Total Power Dissipation | $P_D$ | 750 | mW | | DC Current Gain | $h_{FE}$ | 230 – 600 | - | --- ### 3. Pin Configuration (TO-92) When looking at the flat side of the transistor with the leads pointing downwards, the pinout is as follows: 1. **Emitter (E)**: The exit point for the current. 2. **Collector (C)**: The entry point for the current. 3. **Base (B)**: The trigger that controls the flow between Emitter and Collector. --- ### 4. Distinctive Features * **High Current Capability**: Unlike standard TO-92 transistors (like the 2N3904) which handle ~200mA, this part can handle up to **5 Amperes** of peak current. * **Low Saturation Voltage**: $V_{CE(sat)}$ is typically only 0.35V at $I_C = 3A$, which minimizes heat generation and power loss. * **High Speed**: Suitable for fast switching applications. ### 5. Common Applications * **Strobe Flash Units**: Its high pulse current makes it perfect for camera flashes. * **Voltage Regulators**: Used in DC-DC converters. * **Motor Drivers**: Driving small DC motors in toys or portable electronics. * **Audio Power Amplifiers**: Used in the output stages of low-power amplifiers. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'R' and 'Q' gain classifications for this transistor?
    • ⤷ Can the 2SD965A be used as a direct replacement for a BC547 in high-current circuits?
    • ⤷ What is the maximum operating temperature for the 2SD965A-R-T92-R?