Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SD965AL-R-AB3-R

  • AI
    The **2SD965AL-R-AB3-R** is a high-current, low-voltage NPN epitaxial silicon transistor designed primarily for power amplification and switching applications. It is frequently used in battery-operated devices due to its high efficiency and low saturation voltage. --- ### 1. General Specifications Below is a summary of the technical parameters for this specific part number: | Parameter | Symbol | Value | Unit | |:---|:---|:---|:---| | **Collector-Base Voltage** | $V_{CBO}$ | 40 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 20 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 7 | V | | **Collector Current (DC)** | $I_C$ | 5 | A | | **Collector Current (Pulse)** | $I_{CP}$ | 8 | A | | **Total Power Dissipation** | $P_D$ | 0.5 to 1 | W (varies by PCB) | | **DC Current Gain** | $h_{FE}$ | 230 - 600 (R Rank) | - | --- ### 2. Part Number Breakdown The suffixing in the part number provides specific information about the packaging and performance: * **2SD965**: The base model number (NPN Power Transistor). * **AL**: Often indicates a Lead-Free (RoHS compliant) version or a specific manufacturing line. * **R**: Represents the **Current Gain ($h_{FE}$)** classification. The "R" rank typically falls between 230 and 600. * **AB3**: Refers to the **SOT-89** package type (a small, surface-mount plastic package with three leads and a heat sink pad). * **R**: Indicates the packaging method, usually **Tape & Reel**. --- ### 3. Key Features and Applications #### Key Features * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically around 0.75V at $I_C = 3A$, which reduces power loss. * **High Current Capability:** Can handle up to 5A of continuous current, which is high for its compact SOT-89 size. * **High Gain:** The high $h_{FE}$ allows the transistor to be driven by low-power control signals. #### Typical Applications 1. **Strobe/Flash Circuits:** Used in camera flashes due to high pulse current handling. 2. **Voltage Regulators:** Efficient for low-voltage power supply circuits. 3. **Motor Drivers:** Ideal for small DC motors in portable electronics. 4. **Audio Amplifiers:** Used in the output stage of small portable speakers. --- ### 4. Pin Configuration (SOT-89) When looking at the front of the SOT-89 package (pins pointing down): ```text [ TAB ] <-- Collector (connected to Pin 2) _________ | | | D965 | |_________| | | | 1 2 3 (B) (C) (E) ``` 1. **Base (B):** Input signal trigger. 2. **Collector (C):** Connected to the load (and the large metal tab for cooling). 3. **Emitter (E):** Usually connected to ground in NPN switching.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the SOT-89 package at 5A current?
    • ⤷ Can you provide a comparison between the R and S gain ranks for the 2SD965?
    • ⤷ What is the complementary PNP transistor for the 2SD965AL?