Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2SK208-R

  • AI
    The **2SK208-R** is a small-signal, N-channel Junction Field-Effect Transistor (JFET) primarily designed for high-frequency amplification and general-purpose switching applications. It is manufactured by Toshiba and is widely used in audio preamplifiers and analog signal processing. --- ## 1. Technical Specifications The "R" suffix in 2SK208-R specifically refers to the **IDSS classification** (Drain Saturation Current), which determines the operating range of the transistor. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | N-Channel JFET | | **Package** | SOT-23 (Surface Mount) | | **Drain-Source Voltage ($V_{DS}$)** | 25 V | | **Gate-Source Voltage ($V_{GS}$)** | -25 V | | **Drain Current ($I_D$)** | 10 mA | | **Gate Current ($I_G$)** | 10 mA | | **IDSS Classification (R)** | 0.60 to 1.20 mA | | **Forward Transfer Admittance ($|Y_{fs}|$)** | 1.2 mS (min) | | **Input Capacitance ($C_{iss}$)** | 8.2 pF | --- ## 2. Key Features * **High Input Impedance:** Because it is a JFET, it has an extremely high input resistance, making it ideal for interfacing with sensors or high-impedance audio sources. * **Low Noise:** It is characterized by low noise performance, which is essential for the first stage of an amplifier. * **Compact Form Factor:** The SOT-23 package allows for high-density mounting on modern PCBs. * **Small Gate Capacitance:** This allows for better performance at higher frequencies compared to standard bipolar transistors. --- ## 3. Pinout Configuration The 2SK208 follows a standard SOT-23 pinout. When looking at the top of the component (with the single pin at the top): | Pin Number | Name | Function | | :--- | :--- | :--- | | **1** | **Drain (D)** | Current enters the device here. | | **2** | **Source (S)** | Current leaves the device here. | | **3** | **Gate (G)** | Controls the flow of current between D and S. | --- ## 4. Common Applications * **Audio Preamplifiers:** Used in the input stages of microphones or guitar pedals due to its high impedance. * **Analog Switches:** Acting as a voltage-controlled resistor for signal gating. * **Constant Current Sources:** Used in circuits requiring a stable, low-current reference. * **Impedance Converters:** Buffering high-impedance signals before they enter a low-impedance stage. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between the R
    • ⤷ O
    • ⤷ and Y classifications for the 2SK208?
    • ⤷ Can the 2SK208-R be used as a direct replacement for the 2SK117 in a circuit?
    • ⤷ How do you bias a 2SK208-R for a simple common-source amplifier?