Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2T2CG-R

  • AI
    The **2T2CG-R** is a specific part number typically associated with **Hollow Shaft Rotary Encoders** (often manufactured by companies like *Hengstler* or similar industrial automation brands). These components are critical in feedback systems for motor control. ### 1. General Specifications The part number follows a modular coding system. Below is a breakdown of the typical electronic and mechanical characteristics associated with this series: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Shaft Design** | Through-hollow shaft (2T indicates specific diameter/mounting) | | **Output Signal** | Digital pulses (Square wave) | | **Resolution** | Varies by sub-model (usually 1024 to 5000 PPR) | | **Interface** | RS422 / TTL or Push-Pull (HTL) | | **Voltage Supply** | 5V DC or 10-30V DC | --- ### 2. Technical Breakdown of Components #### A. The Optical/Magnetic Sensor The core of the 2T2CG-R contains an internal disc (glass or plastic) with etched lines. As the shaft rotates, an LED shines through these lines onto a phototransistor, creating an electrical pulse. #### B. Electronic Interface (The "R" Suffix) The **"R"** often denotes the connection type or a specific technical revision: * **Radial Connection:** The cable or M12/M23 connector exits from the side of the housing rather than the back. * **Line Driver:** Many "R" variants feature an integrated RS422 line driver, which allows for long cable runs (up to 100 meters) without significant signal degradation or noise interference. #### C. Signal Channels Most encoders in this series provide the following output channels: * **A and B:** Two channels offset by 90° to determine direction. * **N or Z (Index):** One pulse per revolution for homing. * **Inverted Signals (/A, /B, /N):** Used for differential signaling to cancel out electromagnetic interference (EMI). --- ### 3. Application Use Cases Due to its robust electronic design, the 2T2CG-R is commonly found in: 1. **AC Servo Motors:** Providing speed and position feedback. 2. **Conveyor Systems:** Synchronizing belt speeds in packaging plants. 3. **CNC Machinery:** Precision axis positioning. 4. **Elevator Technology:** Monitoring car position and door speed. --- ### 4. Wiring Diagram (Generic Example) Standard industrial wiring for these types of encoders usually follows this color/pin logic: ```markdown 1. Brown/Red: +VCC (Power Supply) 2. White/Black: 0V (GND) 3. Green: Channel A 4. Yellow: Channel B 5. Gray: Channel Z (Index) 6. Shield: Connected to housing for EMI protection ```
    ✨ Follow-up Questions
    • ⤷What is the exact Pulse Per Revolution (PPR) for the 2T2CG-R variant?
    • ⤷ How do I troubleshoot a missing signal on Channel B?
    • ⤷ Can the 2T2CG-R be used in high-temperature environments?