Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2TT-63-R2

  • AI
    The **2TT-63-R2** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) RF/Coaxial Connector** or a high-precision test terminal. These parts are designed for high-frequency signal transmission and durability in compact electronic assemblies. Below is a detailed breakdown of its technical specifications and physical characteristics. --- ### 1. Technical Specifications This component is engineered for reliability in telecommunications and radio-frequency (RF) circuits. | Feature | Description | | :--- | :--- | | **Component Type** | RF Coaxial Connector / SMT Test Point | | **Mounting Style** | Surface Mount Technology (SMT) | | **Configuration** | Right Angle or Vertical (model specific) | | **Material (Body)** | Brass or Phosphor Bronze with Gold/Nickel plating | | **Contact Plating** | Gold (Au) over Nickel (Ni) for low contact resistance | | **Impedance** | Typically 50 Ohms (Standard for RF) | | **Frequency Range** | DC up to 6 GHz (Application dependent) | --- ### 2. Key Physical Components The construction of the 2TT-63-R2 involves several layers of precision engineering: 1. **Center Conductor:** Usually made of a highly conductive copper alloy to ensure signal integrity and minimize "skin effect" losses at high frequencies. 2. **Dielectric Insulator:** A high-grade plastic (like PTFE or Liquid Crystal Polymer) that separates the center signal pin from the ground shell. 3. **Outer Shield/Shell:** Provides mechanical strength and acts as a ground plane to prevent Electromagnetic Interference (EMI). 4. **Solder Pads:** The underside features flat surfaces designed to interface with the solder paste on a Printed Circuit Board (PCB). --- ### 3. Application Use Cases This part is commonly found in the following sectors: * **Mobile Communications:** Internal antenna connections for smartphones and tablets. * **IoT Devices:** Connecting Wi-Fi or Bluetooth modules to external antennas. * **Testing & Measurement:** Serving as a standardized interface for automated test equipment (ATE) to check PCB performance during manufacturing. * **Automotive Electronics:** Used in GPS modules and infotainment systems where vibration resistance is required. --- ### 4. Handling and Soldering Because the **2TT-63-R2** is a Surface Mount Device (SMD), it follows specific manufacturing guidelines: ```json { "Process": "Reflow Soldering", "Max_Temperature": "260°C", "Duration": "10-30 seconds", "Packaging": "Tape and Reel (for automated pick-and-place machines)" } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 2TT-63-R2 footprint?
    • ⤷ Is the 2TT-63-R2 compatible with standard U.FL or MMCX cables?
    • ⤷ What are the common alternatives if the 2TT-63-R2 is out of stock?