Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 2UDS-CA-R2

  • AI
    The **2UDS-CA-R2** is a specialized electronic module commonly used in industrial automation, specifically within Delta's high-performance motion control and communication ecosystems. It typically functions as a **Dual-Port Communication Adapter** or a daughterboard for industrial controllers. --- ### Core Specifications and Components | Component Category | Description | | :--- | :--- | | **Interface Type** | Dual-port (often RS-422/RS-485 or specialized serial communication). | | **Form Factor** | Compact, plug-in daughterboard style for 2U-height or modular racks. | | **Connector Type** | High-density pin headers for internal connection; RJ-45 or terminal blocks for external. | | **Logic Voltage** | Typically operates on 3.3V or 5V DC internal rails. | | **Isolation** | High-speed optocouplers or magnetic isolators to prevent ground loops. | --- ### Key Electronic Functional Blocks #### 1. Signal Conditioning & Transceivers The board contains ICs designed to convert low-voltage logic signals from the main CPU into robust differential signals (like RS-485). This ensures data integrity over long cable runs in electrically noisy factory environments. #### 2. Protection Circuitry To survive industrial environments, the "R2" revision usually includes: * **TVS Diodes:** For Transient Voltage Suppression against static (ESD). * **PTC Resettable Fuses:** To protect against overcurrent on the communication lines. * **Ferrite Beads:** To suppress High-Frequency EMI (Electromagnetic Interference). #### 3. Communication Controller While the main processing happens on the host PLC or Motion Controller, the 2UDS-CA-R2 contains bus-buffer chips that manage the flow of data between the internal system bus and the external ports, ensuring minimal latency. --- ### Hardware Application Context The "2UDS" designation frequently points toward **Delta Electronics'** nomenclature for their **AH Series** or **DVP Series** PLC accessories. * **2U:** Refers to the physical slot size or rack height compatibility. * **CA:** Communication Adapter. * **R2:** Revision 2 (indicates an updated PCB layout or improved component tolerances over the original version). --- ### Integration Guide ```yaml Connection_Steps: 1: Power down the main controller unit. 2: Align the multi-pin header on the 2UDS-CA-R2 with the expansion slot. 3: Secure the module using the provided mounting screws to ensure grounding. 4: Configure the Station ID and Baud Rate via the software (e.g., ISPSoft). ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the RS-485 ports on this module?
    • ⤷ Is the 2UDS-CA-R2 compatible with the Delta AH500 series PLCs?
    • ⤷ How does the R2 version differ from the original R1 hardware?