Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3-R4

  • AI
    The **3-R4** typically refers to a specific electronic component identification, most commonly associated with **Surface Mount Device (SMD) Resistors** or specific **Power Modules** used in industrial electronics. Below is a detailed breakdown of how to interpret "3-R4" in various electronic contexts. --- ### 1. Resistor Marking Code (SMD) In the context of SMD resistors, the code "3R4" (or sometimes written as 3-R4 on schematics) denotes the resistance value. The "R" acts as the decimal point. | Component Code | Decoded Value | Tolerance (Typical) | | :--- | :--- | :--- | | **3R4** | 3.4 Ohms ($\Omega$) | ±1% or ±5% | | **3R40** | 3.40 Ohms ($\Omega$) | ±1% (Precision) | | **R34** | 0.34 Ohms ($\Omega$) | Current sensing | #### Specifications: * **Package Sizes:** Commonly found in 0603, 0805, or 1206 footprints. * **Power Rating:** Ranges from 1/10W to 1/4W depending on the package size. * **Application:** Used for low-resistance pull-downs or current limiting in LED circuits. --- ### 2. Connector & Pin Identification In many PCB designs (like Arduino shields or industrial PLCs), **3-R4** identifies a specific physical location: * **3:** Represents the **Header** or **Bank** number. * **R4:** Represents **Pin 4** or **Row 4**. --- ### 3. Industrial Power Modules (IGBTs/MOSFETs) In heavy electronics, "3R4" can be part of a part number for power modules (e.g., IXYS or Semikron modules). These components are used for: * **Motor Controllers:** Managing 3-phase AC motors. * **Inverters:** Converting DC battery power to AC. * **Heat Dissipation:** These parts usually feature a metal base plate for mounting to a heatsink. --- ### Summary Comparison Table | Context | Meaning | Primary Function | | :--- | :--- | :--- | | **Circuit Design** | 3.4 $\Omega$ Resistor | Limiting current or voltage division. | | **PCB Layout** | Connector 3, Row 4 | Signal routing or external interfacing. | | **Power Electronics** | Component Series | High-voltage switching (AC/DC). | ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the power rating for a 3R4 SMD resistor?
    • ⤷ Is 3R4 a standard value in the E24 or E96 resistor series?
    • ⤷ How do I identify the tolerance of a resistor with the 3R4 marking?