Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 300-R

  • AI
    The **300-R** typically refers to a high-performance **brushless electronic speed controller (ESC)** or a specific **power resistor** component, depending on the context of the hardware. Most commonly, it is associated with the **Robbytronic** or high-end RC racing systems. Below is an explanation of the electronic components and technical specifications associated with the 300-R series devices. --- ### 1. Technical Specifications Table If we look at the **300-R Brushless ESC** (Electronic Speed Controller), the internal electronics are designed to manage high current flow and precise motor timing. | Component / Feature | Specification | Function | |:---|:---|:---| | **MOSFETs** | Ultra-low internal resistance | Handles the high current switching for the motor. | | **Input Voltage** | 3.7V - 7.4V (1S - 2S LiPo) | The power source range the capacitors can handle. | | **Continuous Current** | 300A - 400A (Burst) | The volume of electricity the traces can carry. | | **BEC Output** | 6.0V / 3.0A | Powers the receiver and steering servos. | | **CPU** | 32-bit Microprocessor | Processes sensor data and throttle inputs. | --- ### 2. Key Internal Electronic Parts #### A. MOSFET Array (Metal-Oxide-Semiconductor Field-Effect Transistors) The core of the 300-R is a bank of high-power MOSFETs. These act as high-speed electronic switches that turn the battery power on and off thousands of times per second to control the motor speed. * **Thermal Protection:** These parts are usually bonded to a ceramic or copper plate for heat dissipation. #### B. Electrolytic Capacitors (Cap Bank) You will often see large cylindrical components attached to the power wires. * **Purpose:** They act as a "buffer" to protect the ESC from voltage spikes (ripple current) caused by long battery wires and aggressive braking. #### C. Control Board (Logic Layer) A multi-layer PCB containing: * **Microcontroller:** Runs the firmware that interprets PWM (Pulse Width Modulation) signals from the remote control. * **Sensor Port:** Interfaces with the Hall Effect sensors inside a brushless motor to determine rotor position. --- ### 3. Connection Diagram (Example) The electronic layout of the 300-R usually follows this standard wiring logic: ```cpp [ Battery + ] ----> [ Capacitor Bank ] ----> [ ESC MOSFETs ] ----> [ Motor Phase A ] [ Battery - ] ----> [ Logic Board ] ----> [ Heat Sink ] ----> [ Motor Phase B ] ----> [ Motor Phase C ] ``` --- ### 4. Application as a Resistor In some industrial contexts, **300-R** refers to a **300 Ohm (Ω) Resistor**. * **Composition:** Usually Wirewound or Metal Film. * **Power Rating:** Often rated for 5W to 25W. * **Usage:** Used in "bleeder" circuits to discharge capacitors or as a current limiter in LED arrays. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Robitronic 300-R ESC or a 300 Ohm resistor component?
    • ⤷ What is the specific voltage or current requirement for your application?
    • ⤷ Do you need a circuit diagram for connecting the 300-R to a brushless motor?