Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 30LVD40-R

  • AI
    ## Technical Overview of 30LVD40-R The **30LVD40-R** is a high-voltage ceramic disc capacitor manufactured by **Vishay Cera-Mite**. It is part of the 30LVD series, which is specifically designed for low-voltage power supplies and suppression applications where high reliability and specific capacitance values are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Capacitance** | 0.04 µF (40,000 pF) | | **Voltage Rating** | 400V AC / 300V AC (Standard Ratings) | | **Tolerance** | ±20% (Standard M tolerance) | | **Temperature Coefficient** | Y5U (General Purpose) | | **Mounting Type** | Through-Hole | | **Lead Style** | Radial | --- ### 2. Physical Construction The device consists of a ceramic disc which is silver-plated on both sides. The "R" in the suffix typically denotes compliance with specific environmental standards (like RoHS) or a specific lead spacing/packaging configuration. * **Coating:** Flame-retardant epoxy resin (meeting UL 94 V-0). * **Leads:** Tinned copper wire. * **Marking:** The body usually features the manufacturer's logo, capacitance value, and voltage rating. --- ### 3. Core Applications The 30LVD40-R is commonly utilized in power electronics for the following purposes: 1. **EMI/RFI Suppression:** Filtering electrical noise in line-to-ground (Y-capacitor) or line-to-line (X-capacitor) configurations. 2. **Antenna Coupling:** Used in radio frequency circuits to block DC while allowing AC signals. 3. **Bypassing:** Diverting high-frequency noise to the ground in power supply circuits. 4. **Across-the-line Applications:** General protection in household appliances and industrial equipment. --- ### 4. Comparison with Standard Capacitors Compared to standard MLCCs (Multi-Layer Ceramic Capacitors), the **30LVD40-R disc capacitor** offers: * **Higher Robustness:** Better handling of voltage spikes. * **Safety Agency Recognition:** Often meets UL, CSA, and VDE safety requirements for across-the-line use. * **Lower Parasitic Induction:** Due to the disc geometry, though radial leads add some inductance compared to SMD parts.
    ✨ Follow-up Questions
    • ⤷ What are the differences between Y5U and X7R temperature coefficients in ceramic capacitors?
    • ⤷ How does the voltage derating affect the lifespan of the 30LVD40-R?
    • ⤷ Can this capacitor be used in automotive high-voltage environments?