31-216-RFX
AI

The **31-216-RFX** is a high-performance RF (Radio Frequency) connector manufactured by **Amphenol RF**. It is a standard BNC (Bayonet Neill–Concelman) straight plug designed for coaxial cable termination.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | BNC Plug (Male) |
| **Impedance** | 50 Ohm |
| **Frequency Range** | DC to 4 GHz (Optimized for performance) |
| **Termination Style** | Crimp |
| **Body Material** | Brass |
| **Body Plating** | Nickel |
| **Contact Material** | Brass / Phosphor Bronze |
| **Contact Plating** | Gold |
| **Dielectric Material** | Delrin (Acetal Copolymer) |
| **Cable Type Compatibility** | RG-58, RG-141, RG-142, RG-400 |
---
### Key Components and Construction
The 31-216-RFX consists of several critical electronic and mechanical parts that ensure signal integrity:
1. **Male Center Pin:** Usually gold-plated to ensure low contact resistance and prevent oxidation over long-term use.
2. **Bayonet Coupling Mechanism:** The "twist-and-lock" outer shell allows for quick connect/disconnect while maintaining a secure mechanical vibration-resistant bond.
3. **Dielectric Insulator:** Typically made of Delrin, this separates the center conductor from the outer shield, maintaining the constant 50-ohm impedance required for RF signals.
4. **Crimp Ferrule:** A metal sleeve that is compressed over the cable braid to provide a secure electrical ground and mechanical strain relief.
### Common Applications
* **Test and Measurement:** Used extensively in oscilloscopes and signal generators.
* **Telecommunications:** Base station equipment and antennas.
* **Broadcast:** Video signal transmission (though 75-ohm BNCs are also common in video, 50-ohm is standard for data/RF).
* **Medical Equipment:** High-frequency monitoring devices.
---
### Installation Requirements
To properly install the 31-216-RFX, you typically require:
* **Coaxial Stripper:** To remove the jacket, braid, and dielectric to specific dimensions.
* **Crimp Tool:** A hex-crimp tool specifically sized for RG-58/u dimensions (usually .213" or similar).
* **Soldering Iron (Optional):** While many are full-crimp, some variants allow for soldering the center pin for increased reliability.
- ⤷What is the difference between the 50-ohm and 75-ohm versions of this connector?
- ⤷ Which specific crimp tool die size is recommended for the 31-216-RFX?
- ⤷ Can this connector be used with LMR-195 cable?