Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 320-RX

  • AI
    The **320-RX** generally refers to the receiver unit used in the **BRP (Bombardier) / Sea-Doo Learning Key** system or similar RF (Radio Frequency) remote control assemblies used in automotive and powersports applications. Below is a breakdown of the electronic components and technical specifications associated with this type of module. --- ### 1. Core Electronic Components The 320-RX is a digital receiver module designed to decode specific encrypted signals. | Component | Function | Description | | :--- | :--- | :--- | | **RF Demodulator** | Signal Capture | Extracts the raw data from the carrier frequency (usually 315MHz or 433MHz). | | **Microcontroller (MCU)** | Logic Processing | Decodes the rolling code or fixed ID from the transmitter (key/remote). | | **EEPROM Chip** | Memory Storage | Stores paired key IDs and security configurations. | | **Voltage Regulator** | Power Management | Converts vehicle battery voltage (12V) to stable logic voltage (3.3V or 5V). | | **Antenna Coil** | Signal Induction | A copper trace or wire tuned to the specific frequency of the transmitter. | --- ### 2. Functional Specifications The 320-RX operates as a bridge between the user's remote key and the vehicle's Electronic Control Unit (ECU). * **Communication Protocol:** Usually utilizes **ASK (Amplitude Shift Keying)** or **FSK (Frequency Shift Keying)** for data transmission. * **Security:** Employs **Rolling Code** technology to prevent replay attacks (where a signal is recorded and re-transmitted by a thief). * **I/O Interface:** Typically connects to the main wiring harness via a multi-pin connector (Power, Ground, and Data Out). --- ### 3. Connection Pinout (Typical) While specific wiring colors can vary by year, the standard electronic interface follows this logic: 1. **VCC (+12V):** Direct power from the battery or ignition relay. 2. **GND:** Chassis ground. 3. **Data Line:** Transmits the "Valid ID" signal to the ECU/MPEM (Multi-Purpose Electronic Module). 4. **LED/Status (Optional):** Some units include an output to trigger a dashboard security light. --- ### 4. Common Failure Points Electronic components within the 320-RX are susceptible to specific environmental stressors: * **Corrosion:** Because these are often used in marine (Sea-Doo) environments, moisture can bypass the epoxy potting and corrode the PCB traces. * **Capacitor Aging:** Internal electrolytic capacitors may dry out over 10+ years, leading to "no start" or intermittent signal recognition. * **EM Interference:** Proximity to high-voltage spark plug wires can sometimes "blind" the receiver if shielding is damaged.
    ✨ Follow-up Questions
    • ⤷ What is the procedure for pairing a new key to a 320-RX receiver?
    • ⤷ How can I test the signal output of the 320-RX using a multimeter?
    • ⤷ Are there specific frequency differences between US and European versions of this module?