Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3216FF2-R

  • AI
    ## Overview of the 3216FF2-R The **3216FF2-R** is a high-quality surface-mount technology (SMT) fuse. It belongs to the **Chip™ Fuse** family, specifically designed for overcurrent protection in compact electronic circuits. The "3216" in the part number refers to its physical dimensions in metric units. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the 3216FF2-R: | Parameter | Specification | | :--- | :--- | | **Part Number** | 3216FF2-R | | **Package Size (Metric)** | 3216 (3.2mm x 1.6mm) | | **Package Size (Imperial)** | 1206 (0.12" x 0.06") | | **Current Rating** | 2 Amperes (2A) | | **Voltage Rating (DC)** | 32V DC | | **Voltage Rating (AC)** | 32V AC | | **Fuse Characteristic** | Very Fast-Acting (FF) | | **Interrupting Rating** | 50A @ 32Vdc / 50A @ 32Vac | | **Termination Material** | Silver plated with Nickel and Tin (RoHS Compliant) | --- ### Key Features and Construction 1. **Fast-Acting Performance**: The "FF" designation stands for "Very Fast-Acting." This means the fuse is designed to open almost instantly when an overcurrent spike occurs, protecting sensitive downstream semiconductors. 2. **Compact 1206 Footprint**: Its small size makes it ideal for dense PCB layouts in modern consumer electronics. 3. **Thick Film Technology**: It typically utilizes a thick film on ceramic substrate construction, which provides stable electrical performance and high mechanical strength. 4. **Environmental Compliance**: The "-R" suffix indicates that the part is **RoHS compliant** (lead-free). --- ### Common Applications The 3216FF2-R is frequently found in the following types of hardware: * **Mobile Devices**: Smartphones, tablets, and laptops. * **Peripherals**: Hard drives (HDD/SSD), printers, and monitors. * **LCD Displays**: Inverters and backlight drivers. * **Battery Packs**: Protection for charging circuits. * **Networking**: Modems, routers, and small-scale telecommunications equipment. --- ### Soldering Guidelines For successful integration, the following soldering parameters are generally recommended for the 3216 series: ```cpp // General SMT Reflow Profile Notes: // 1. Preheat: 150°C to 200°C for 60-120 seconds. // 2. Liquidus Temperature: 217°C. // 3. Peak Temperature: 260°C (Maximum 10 seconds). // 4. Avoid: Excessive mechanical stress or rapid cooling. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 'Fast-Acting' and a 'Slow-Blow' fuse in this package size?
    • ⤷ Can the 3216FF2-R be used in AC circuits with higher voltages than 32V?
    • ⤷ What are the recommended storage conditions for SMT fuses like the 3216FF2-R?