Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3216FF25-R

  • AI
    ## 3216FF25-R Component Overview The **3216FF25-R** is a high-performance, surface-mount (SMD) fast-acting fuse manufactured by **Eaton (formerly Bussmann)**. It is specifically designed to protect sensitive electronic circuits against overcurrent conditions. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Package Size** | 1206 (Metric 3216) | | **Current Rating** | 2.5 Amperes (A) | | **Voltage Rating (DC)** | 32 Volts (V) | | **Voltage Rating (AC)** | 32 Volts (V) | | **Interrupting Rating** | 50A @ 32VDC | | **Fuse Characteristic** | Very Fast Acting (FF) | | **Material** | Ceramic body with silver-plated brass terminals | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Nomenclature Breakdown Understanding the part number helps identify its physical and electrical properties: * **3216**: Refers to the physical dimensions in millimeters ($3.2 \text{mm} \times 1.6 \text{mm}$), which corresponds to the standard **1206** imperial package size. * **FF**: Stands for **Very Fast-Acting**. This indicates that the fuse is designed to open almost instantaneously when a short circuit or overcurrent occurs. * **25**: Represents the current rating. In this case, **2.5 Amperes**. * **-R**: Indicates that the component is **RoHS compliant** (lead-free and environmentally friendly). --- ### 3. Core Features and Applications #### Features * **Small Footprint:** The 1206 size saves significant board space in compact electronics. * **Fast Response:** Protects delicate components (like ICs and MOSFETs) that cannot withstand even brief surges. * **High Thermal Stability:** The ceramic construction ensures it can operate in high-temperature environments without premature aging. #### Typical Applications 1. **Consumer Electronics:** Laptops, tablets, and smartphones. 2. **Peripherals:** Hard drives, printers, and LCD monitors. 3. **DC-DC Converters:** Protection for power modules. 4. **Battery Packs:** Protecting lithium-ion battery management systems (BMS). --- ### 4. Implementation Considerations When designing a circuit with the 3216FF25-R, keep the following in mind: ```markdown 1. Derating: At high ambient temperatures, the fuse's current-carrying capacity decreases. Always consult the temperature derating curve in the datasheet. 2. Voltage Drop: There is a small resistance (approx. 0.030 - 0.040 Ohms) across the fuse which causes a minor voltage drop. 3. Soldering: Compatible with standard wave and reflow soldering profiles. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting (FF) and a slow-blow (T) fuse in this package size?
    • ⤷ How do I calculate the proper current derating for this fuse at 85°C?
    • ⤷ Are there alternative manufacturers for the 3216FF series?