Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3216FF4-R

  • AI
    The **3216FF4-R** is a specific surface-mount (SMD) fuse from the **3216FF series**, manufactured primarily by **Eaton (formerly Bussmann)**. It is designed for overcurrent protection in compact electronic circuits. --- ## 1. Component Identification | Property | Specification | | :--- | :--- | | **Part Number** | 3216FF4-R | | **Package Size** | 1206 (Metric 3216) | | **Current Rating** | 4 Amperes (4A) | | **Response Characteristic** | Fast-Acting (FF - Very Fast) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ## 2. Technical Specifications The "3216" in the part number refers to the dimensions of the component in millimeters ($3.2 \text{ mm} \times 1.6 \text{ mm}$), which corresponds to the standard **1206** imperial package size. ### Key Electrical Parameters: * **Voltage Rating:** Typically rated up to **32V AC / 32V DC**. * **Interrupting Rating:** Usually 50A at 32VDC. * **Melting Integral ($I^2t$):** Low $I^2t$ values, meaning it reacts very quickly to clear a fault. * **Resistance:** Low internal resistance to minimize power dissipation. --- ## 3. Physical Features and Construction * **Materials:** Typically features a ceramic substrate with silver-plated brass or gold-plated end caps for excellent solderability. * **Marking:** The body usually has a code (often the letter "S" or "4") to denote the 4A current rating. * **Environmental:** Halogen-free and lead-free construction. --- ## 4. Typical Applications Because of its "Very Fast-Acting" nature, this fuse is used to protect sensitive ICs and components that cannot withstand even brief overcurrent spikes. 1. **Consumer Electronics:** Laptops, tablets, and smartphones. 2. **LCD Monitors:** Backlight inverters and control boards. 3. **Peripheral Devices:** Hard drives, printers, and USB hubs. 4. **Battery Packs:** Protection against short circuits in lithium-ion battery management systems (BMS). --- ## 5. Comparison: Fast-Acting vs. Time-Delay It is critical not to confuse the **FF (Fast-Acting)** series with the **S (Slow-Blow)** series. * **3216FF:** Trips instantly when the threshold is exceeded. Ideal for protecting semiconductors. * **3216CP / Time-Delay:** Allows for temporary "inrush" currents (like a motor starting). Using a 3216FF4-R in a circuit with high inrush will result in "nuisance blowing."
    ✨ Follow-up Questions
    • ⤷What is the difference between the 1206 and 0603 fuse form factors?
    • ⤷ How do I calculate the correct fuse rating for my circuit?
    • ⤷ Can I use a 32V rated fuse in a 12V automotive circuit?