Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3216FF7-R

  • AI
    The **3216FF7-R** is a specific surface-mount electronic component, primarily known as a **Fast-Acting Chip Fuse**. It is manufactured by Eaton (formerly Bussmann). Below is a detailed breakdown of its specifications and characteristics. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its physical size and electrical properties. | Feature | Specification | | :--- | :--- | | **Component Type** | Surface Mount Device (SMD) Fuse | | **Package Size (Imperial)** | 1206 | | **Package Size (Metric)** | 3216 (3.2mm x 1.6mm) | | **Current Rating** | 7 Amperes | | **Voltage Rating (DC)** | 32V DC | | **Voltage Rating (AC)** | 32V AC | | **Response Characteristic** | Fast-Acting (FF) | | **Termination Material** | Lead-Free (RoHS Compliant) | --- ### 2. Key Technical Attributes * **Fast-Acting Performance:** The "FF" designation indicates a very fast response time to overcurrent events. This is critical for protecting sensitive ICs and semiconductor components that cannot withstand prolonged overloads. * **Interrupting Rating:** This fuse is typically rated to safely interrupt 50A at its rated voltage, preventing arcing or physical damage during a short circuit. * **Resistance:** It has a low cold resistance (typically in the range of ~0.007 to 0.010 Ohms) to minimize power dissipation and voltage drop across the component. * **Environmental Compliance:** The "-R" suffix indicates that the part is fully **RoHS compliant**, utilizing lead-free materials and construction. --- ### 3. Applications The 3216FF7-R is commonly used in compact electronic devices where space is limited and high-speed protection is required: 1. **Consumer Electronics:** Laptops, tablets, and smartphones. 2. **Power Supplies:** DC-DC converters and battery charging circuits. 3. **Peripherals:** Hard drives, monitors, and docking stations. 4. **Automotive:** Infotainment systems and non-safety critical electronic control units. --- ### 4. Footprint and Soldering The **1206 (3216 metric)** footprint is standard in the industry, making it compatible with high-speed automated pick-and-place machinery. ```markdown Footprint Dimensions: - Length: 3.20mm (±0.20) - Width: 1.60mm (±0.20) - Height: 0.89mm (typical) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting (FF) and a slow-blow (T) fuse in this package size?
    • ⤷ How do I calculate the derating for this fuse if the operating temperature is high?
    • ⤷ What are the common alternatives to the 3216FF7-R from other manufacturers?