Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 323N-R2

  • AI
    The **323N-R2** is a specific model of an **Automatic Voltage Regulator (AVR)**, typically used in power generation systems (alternators) to maintain a constant output voltage regardless of load changes. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The 323N-R2 is designed to regulate the excitation current of a brushless generator. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 180 ~ 240 VAC (Single Phase) | | **Output Voltage** | Max 90 VDC at 240 VAC input | | **Continuous Current** | 3.5 Amps | | **Intermittent Current** | 5 Amps for 10 seconds | | **Regulation Accuracy** | < ±1.0% (with 4% engine governing) | | **Frequency** | 50/60 Hz (Jumper selectable) | --- ## 2. Key Internal Electronic Sections The device functions through a feedback loop involving several critical stages: ### A. Sensing Circuit * **Function:** Monitors the output voltage of the generator. * **Components:** Potential transformers (PT) and bridge rectifiers convert high-voltage AC into a low-voltage DC signal proportional to the generator's output. ### B. Error Amplifier * **Function:** Compares the sensed voltage against a preset reference voltage. * **Components:** Operational Amplifiers (Op-Amps) and precision Zener diodes. If the sensed voltage is lower than the reference, the amplifier signals for more excitation. ### C. Power Control (Thyristor/SCR) * **Function:** Acts as the high-speed switch that controls the DC current sent to the exciter stator. * **Components:** Silicon Controlled Rectifiers (SCRs) or MOSFETs. These use Phase Angle Control to vary the amount of power delivered. ### D. Protection Circuits * **Under-Frequency Roll-Off (UFRO):** Protects the generator during engine slowdown by reducing voltage proportionally to speed. * **Stability Adjustment:** A potentiometer-based circuit that prevents "hunting" (voltage oscillation). --- ## 3. Terminal Interface Configuration The 323N-R2 usually features a terminal block for field wiring: | Terminal Label | Description | | :--- | :--- | | **F+, F-** | Output to the Exciter Field (DC) | | **L1, L2 (or N)** | AC Sensing and Power Input | | **VR (Ext)** | External Potentiometer for remote voltage adjustment | | **50/60 Hz** | Jumper pins to select system frequency | --- ## 4. Maintenance and Troubleshooting Common electronic failures in these units often involve: 1. **Drying Electrolytic Capacitors:** Causes voltage ripple and instability. 2. **Blown Fuses:** Usually indicates a short circuit in the exciter winding. 3. **Potentiometer Oxidation:** Leads to erratic voltage readings; can often be fixed with contact cleaner.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing UFRO circuit in an AVR?
    • ⤷ How do you calibrate the stability potentiometer on the 323N-R2?
    • ⤷ Can the 323N-R2 be used with a 3-phase sensing generator?