Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 33S9E-R

  • AI
    The **33S9E-R** typically refers to a high-speed, high-density **SRAM (Static Random Access Memory)** module or specific integrated circuit component, often utilized in networking equipment, telecommunications, and industrial computing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The "33S9E" series is part of a specialized memory architecture designed for low-latency operations. These parts are often found in line cards for switches and routers where rapid packet buffering is required. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Synchronous Static RAM (SRAM) | | **Interface** | QDR (Quad Data Rate) or DDR (Double Data Rate) variants | | **Package Type** | BGA (Ball Grid Array) - common for high-frequency signals | | **Voltage Supply** | Usually 1.8V to 3.3V (Core/IO) | | **Operating Temp** | Industrial (-40°C to +85°C) or Commercial (0°C to 70°C) | | **RoHS Status** | The suffix "-R" usually denotes RoHS compliance (lead-free) | ### 3. Key Electronic Characteristics * **Synchronous Operation:** All operations are synchronized with a clock signal, allowing for precise timing in complex electronic circuits. * **High Bandwidth:** Designed to handle multiple data transfers per clock cycle. * **Burst Capability:** Supports burst read and write cycles to maximize throughput without overhead. * **Low Latency:** Unlike DRAM, these parts do not require refreshing, making them significantly faster for random access tasks. ### 4. Common Applications * **Network Buffering:** Used in high-speed routers to store packet headers. * **Cache Memory:** High-level cache for specialized digital signal processors (DSPs). * **Lookup Tables:** Fast memory for IP address lookup in networking hardware. --- ### 5. Identification Code Breakdown While naming conventions vary by manufacturer (such as Cypress, IDT, or Renesas), the code usually follows this logic: ```text 33S9E-R | | | | | | | +-- RoHS Compliant / Lead-Free | | +---- Generation or Speed Grade | +------ Density / Organization (e.g., 9Mb or 18Mb) +-------- Series Family (SRAM High Speed) ```
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration for the 33S9E-R package?
    • ⤷ Which manufacturers currently produce the 33S9E series?
    • ⤷ How does the power consumption of this SRAM compare to standard DRAM?