Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3510-S08-R

  • AI
    The **3510-S08-R** is a specific part number typically associated with an **analog operational amplifier (Op-Amp)** or a specialized **power management IC**, often manufactured by UTC (Unisonic Technologies Co.) or similar semiconductor suppliers. Below is the detailed breakdown of its electronic characteristics and specifications. ### 1. Component Identification The part number can be decoded as follows: | Segment | Meaning | | :--- | :--- | | **3510** | The base series (Dual Operational Amplifier) | | **S08** | Package code: **SOP-8** (Small Outline Package, 8 pins) | | **R** | Packaging style: **Tape & Reel** | --- ### 2. Technical Specifications The 3510 series is designed to be a high-performance dual operational amplifier. It is often used as a functional equivalent or improved version of the standard 4558 or 358 series. | Parameter | Typical Value | | :--- | :--- | | **Type** | Dual Operational Amplifier | | **Supply Voltage Range** | $\pm 2V$ to $\pm 18V$ (Dual) or $4V$ to $36V$ (Single) | | **Bandwidth** | 3 MHz - 5 MHz | | **Slew Rate** | ~1.0 V/µs | | **Input Offset Voltage** | 2.0 mV (Typical) | | **Package** | SOP-8 (Surface Mount) | --- ### 3. Pinout Configuration The 3510-S08-R follows the standard dual Op-Amp pinout configuration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT A | Output of the first amplifier | | 2 | -INPUT A | Inverting input of the first amplifier | | 3 | +INPUT A | Non-inverting input of the first amplifier | | 4 | V- / GND | Negative supply or Ground | | 5 | +INPUT B | Non-inverting input of the second amplifier | | 6 | -INPUT B | Inverting input of the second amplifier | | 7 | OUTPUT B | Output of the second amplifier | | 8 | V+ / Vcc | Positive power supply | --- ### 4. Common Applications Due to its stable gain and wide supply voltage range, this part is commonly found in: * **Audio Preamplifiers:** Used for signal conditioning in consumer electronics. * **Active Filters:** Low-pass, high-pass, and band-pass filters. * **Voltage Followers:** Buffering signals to prevent loading effects. * **Industrial Control:** Basic comparators or sensor signal amplification. --- ### 5. Features * **Internal Frequency Compensation:** No external capacitors required for stability. * **Short-Circuit Protection:** Outputs are protected against accidental shorts to ground. * **Low Input Bias Current:** Minimizes errors when using high-value resistors.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the 3510-S08-R?
    • ⤷ Can this IC be used in a single-supply 5V digital circuit?
    • ⤷ What is the maximum operating temperature for this specific package?