Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 3541G-S08-R

  • AI
    The **3541G-S08-R** is an integrated circuit (IC) primarily designed for power management applications. It is commonly identified as a **high-side power switch** or a **USB power distribution switch**. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The 3541G-S08-R is engineered to protect sensitive circuitry from overcurrent and short-circuit conditions, making it ideal for USB ports and hot-swap applications. | Feature | Specification | | :--- | :--- | | **Function** | Current-Limited High-Side Power Switch | | **Package Type** | SOP-8 (Surface Mount) | | **Input Voltage Range** | Typically 2.7V to 5.5V | | **Continuous Current** | Usually rated for 500mA to 1A (variant dependent) | | **On-Resistance ($R_{DS(on)}$)** | Low (~80mΩ to 100mΩ) to reduce power loss | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Features and Protections This IC incorporates several safety mechanisms to ensure the longevity of the host device: * **Overcurrent Protection:** Limits the output current to a safe level if the load exceeds the threshold. * **Thermal Shutdown:** Automatically turns off the switch if the internal junction temperature exceeds safe limits (typically around 150°C). * **Undervoltage Lockout (UVLO):** Ensures the device remains off if the input voltage is too low to guarantee stable operation. * **Soft Start:** Includes internal circuitry to limit inrush current during startup, preventing voltage glitches on the input rail. * **Fault Flag Output:** An active-low open-drain output (OC) that signals the system controller during overcurrent or over-temperature events. --- ### 3. Pin Configuration (SOP-8) The standard layout for this type of IC in an SOP-8 package is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground reference. | | 2, 3 | **IN** | Input voltage supply. | | 4 | **EN** | Enable input (Active High or Active Low depending on version). | | 5 | **FLG** | Fault flag output (Overcurrent/Over-temperature indicator). | | 6, 7, 8 | **OUT** | Output voltage to the load. | --- ### 4. Typical Applications * **USB Hubs and Ports:** Protecting PC motherboards from faulty USB peripherals. * **Hot-Swap Supplies:** Protecting power rails when modules are plugged in live. * **Battery Chargers:** Managing charging currents for portable electronics. * **General Power Distribution:** Used in any 3.3V or 5V rail system requiring protection.
    ✨ Follow-up Questions
    • ⤷What is the difference between active-high and active-low enable pins for this IC?
    • ⤷ How do I calculate the thermal dissipation requirements for an SOP-8 package?
    • ⤷ Can this IC be used for 12V power rail protection?