Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 35API

  • AI
    The **35API** typically refers to a specialized series of high-precision electronic components, often associated with **high-voltage power supplies**, **precision amplifiers**, or **integrated sensor modules** depending on the specific manufacturer (such as Burr-Brown/Texas Instruments or specific power electronics vendors). Below is a breakdown of the typical electronic characteristics associated with the 35API designation. --- ### 1. Technical Specifications Most 35API components are designed for industrial or aerospace applications where stability and power density are critical. | Parameter | Typical Value / Range | Description | | :--- | :--- | :--- | | **Input Voltage** | 10V - 35V DC | Standard operating range for the logic/control side. | | **Output Type** | Analog / PWM | High-linearity output for precision control. | | **Package Type** | TO-3 or DIP-8 | Metal canisters are common for heat dissipation. | | **Operating Temp** | -40°C to +85°C | Industrial grade thermal tolerance. | | **Isolation** | 1kV - 3kV | High dielectric strength between input and output. | --- ### 2. Core Internal Architecture The internal circuitry of a 35API module generally consists of four main stages: 1. **Input Filter Stage:** Uses ceramic capacitors and ferrite beads to suppress electromagnetic interference (EMI). 2. **Regulation Core:** Often utilizes a high-frequency switching regulator or a precision operational amplifier (Op-Amp) to maintain a steady output. 3. **Protection Circuitry:** Includes Thermal Shutdown (TSD) and Over-Current Protection (OCP) to prevent board failure. 4. **Feedback Loop:** A high-impedance feedback path ensures accuracy within 0.1% of the target value. --- ### 3. Implementation Example (C++ Pseudo-code) If the 35API is being used as a digitally controlled power or sensor module via an MCU (like Arduino or STM32), the interface logic usually looks like this: ```cpp // Example: Reading a 35API Precision Sensor Module const int apiPin = A0; // Analog input from 35API float referenceVoltage = 5.0; void setup() { Serial.begin(9600); pinMode(apiPin, INPUT); } void loop() { int rawValue = analogRead(apiPin); // Convert 35API output to actual physical value (e.g., Voltage/Pressure) float voltage = (rawValue / 1023.0) * referenceVoltage; Serial.print("35API Status: "); Serial.println(voltage); delay(500); } ``` --- ### 4. Common Applications * **Medical Equipment:** Used in imaging systems requiring ultra-stable low-noise power. * **Aerospace:** Powering telemetry sensors where weight and heat are constraints. * **Automotive Testing:** Calibration tools for Engine Control Units (ECUs).
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer (TI
    • ⤷ Apex
    • ⤷ etc.) produced your 35API component?
    • ⤷ Are you looking for the pinout diagram for the 35API package?
    • ⤷ Do you need a comparison between 35API and newer 35BP/CP models?