Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 36800-RFX

  • AI
    The part number **36800-RFX** typically refers to a specialized high-performance coaxial connector or cable assembly, often produced by manufacturers like **Amphenol RF**. These components are engineered for radio frequency (RF) applications where signal integrity and durability are critical. --- ### 1. Technical Specifications While exact specifications can vary based on the specific revision, components in the 36800-RFX series generally share these characteristics: | Feature | Description | | :--- | :--- | | **Connector Type** | Often associated with **SMA** or **Type N** interfaces. | | **Impedance** | Standard **50 Ohms** (optimized for RF transmission). | | **Frequency Range** | Typically supports DC up to **18 GHz** (depending on the specific interface). | | **Body Material** | Stainless steel or brass with gold/nickel plating for corrosion resistance. | | **Dielectric** | PTFE (Teflon) for high-temperature stability and low signal loss. | --- ### 2. Key Features * **Precision Engineering:** Designed for low VSWR (Voltage Standing Wave Ratio) to minimize signal reflection. * **RF Shielding:** High shielding effectiveness to prevent electromagnetic interference (EMI). * **Durability:** Built to withstand repeated mating cycles and harsh environmental conditions. * **Compact Design:** The "RFX" designation often implies a specific commercial grade or a variation designed for high-volume, high-reliability production. --- ### 3. Common Applications These parts are widely used in industries requiring high-frequency data transmission: 1. **Telecommunications:** Base stations, antennas, and 5G infrastructure. 2. **Test & Measurement:** Oscilloscopes, signal generators, and laboratory equipment. 3. **Aerospace & Defense:** Radar systems, satellite communications, and avionics. 4. **Medical Equipment:** High-resolution imaging devices like MRI machines. --- ### 4. Installation Considerations * **Torque Requirements:** Proper tightening (using a torque wrench) is essential to ensure a consistent electrical connection without damaging the threads. * **Cable Compatibility:** If this is a connector, it must be matched with a specific coaxial cable type (e.g., RG-58, RG-142, or LMR-400) to maintain impedance.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your 36800-RFX component?
    • ⤷ Do you need the pinout diagram or mounting dimensions for this part?
    • ⤷ Are you looking for an equivalent replacement or cross-reference for this connector?