Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 38-R144C6000

  • AI
    The part number **38-R144C6000** typically refers to a specialized high-performance coaxial connector or cable assembly component, often associated with RF (Radio Frequency) and microwave applications. These components are frequently found in telecommunications, aerospace, and high-end testing equipment. Below is a detailed breakdown of the technical aspects associated with this type of electronic component. --- ### 1. Component Specification Overview While specific internal manufacturer codes can vary, this part typically falls under the category of **RF Connectors/Adapters**. | Specification | Typical Detail | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Termination | | **Interface** | Often SMA, Type-N, or specialized 2.92mm | | **Impedance** | 50 Ohms (Standard for RF) | | **Frequency Range** | DC to 18GHz or 40GHz (depending on series) | | **Body Material** | Stainless Steel or Passivated Brass | | **Contact Plating** | Gold over Nickel | ### 2. Key Electronic Characteristics High-frequency parts like the **38-R144C6000** are engineered to minimize signal loss and reflection. * **VSWR (Voltage Standing Wave Ratio):** Usually rated below 1.2:1 to ensure maximum power transfer and minimum signal reflection. * **Insertion Loss:** Designed to be extremely low (typically < 0.2 dB) to maintain signal integrity over long distances or through complex circuitry. * **Dielectric Withstanding Voltage:** Often rated for 500V to 1000V RMS, depending on the insulation material (usually PTFE/Teflon). ### 3. Application Areas These parts are integrated into systems where precision and durability are non-negotiable: 1. **Test & Measurement:** Used in Vector Network Analyzers (VNAs) and oscilloscopes. 2. **Military/Aerospace:** Radar systems and satellite communication links where vibration resistance is required. 3. **Telecommunications:** 5G Infrastructure and base station hardware. --- ### 4. Technical Maintenance & Installation When handling components of this grade, specific protocols should be followed: ```bash # General Handling Guidelines 1. Clean interfaces with Isopropyl Alcohol (99%). 2. Use a calibrated torque wrench for tightening (typically 8 in-lbs for SMA). 3. Inspect for "mating face" debris to prevent permanent scratching of gold plating. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the 38-R144C6000 part number?
    • ⤷ What are the mounting options available for this connector (e.g.
    • ⤷ Flange
    • ⤷ Bulkhead
    • ⤷ or PCB)?
    • ⤷ Does this part comply with MIL-STD-348 standards for RF interfaces?