Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 38-R144D2000

  • AI
    The part number **38-R144D2000** typically corresponds to a specific **Rotary Encoder** or a specialized **Potentiometer**, often used in automotive interfaces, high-end audio equipment, or industrial control panels. Below is a technical breakdown of its electronic characteristics and structure. --- ### 1. General Specifications While specific manufacturers (like Alps Alpine or Bourns) may use internal coding, this part generally falls under the category of **Incremental Rotary Encoders**. | Feature | Typical Specification | | :--- | :--- | | **Type** | Incremental Mechanical Encoder | | **Output** | 2-bit Gray Code (Phase A & B) | | **Resolution** | 20 to 24 Pulses per Revolution (PPR) | | **Detent** | 20 to 24 Clicks (Tactile feedback) | | **Mounting** | Through-hole (PCB) or Surface Mount (SMD) | | **Integrated Switch** | Usually includes a "Push-on" momentary switch | --- ### 2. Internal Components and Construction The device is composed of several critical layers that work together to translate physical motion into digital signals: * **The Shaft (Actuator):** Usually D-shaped or knurled, made of plastic or metal. The "D2000" suffix often refers to a specific shaft length (e.g., 20mm) or diameter. * **The Contact Plate:** A rotating disc with conductive and non-conductive segments. * **Wiping Contacts (Brushes):** Stationary metal fingers that rub against the rotating disc to open or close the circuit. * **Detent Mechanism:** A spring-loaded ball or leaf spring that creates the "click" feel at each position. --- ### 3. Pinout and Circuit Integration Most encoders of this series feature a 5-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **A** | Phase A Output | Signals the rotation step. | | **C** | Common (GND) | The ground reference for the signals. | | **B** | Phase B Output | Out of phase with A to determine direction. | | **S1** | Switch Terminal 1 | Connected to the push-button mechanism. | | **S2** | Switch Terminal 2 | Ground or Input for the push-button. | --- ### 4. Logic Signal (Quadrature Output) To determine the direction of rotation (clockwise vs. counter-clockwise), the electronic system reads the phase shift between Signal A and Signal B: ```text Clockwise Rotation: A: 0 1 1 0 0 B: 0 0 1 1 0 Counter-Clockwise Rotation: A: 0 0 1 1 0 B: 0 1 1 0 0 ``` --- ### 5. Applications * **Automotive:** Volume control, temperature adjustment, or menu navigation in car head units. * **Consumer Electronics:** Microwave timers, washing machine cycle selectors. * **Instruments:** Oscilloscope knob adjustments and digital multi-meter mode selectors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact shaft length and diameter for the D2000 variant?
    • ⤷ How do I implement a debouncing circuit for this mechanical encoder?
    • ⤷ Which manufacturers are the primary producers of the 38-R series?