Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • 38-R144D5000

  • AI
    Based on the part number **38-R144D5000**, this component is identified as a **high-precision, heavy-duty wirewound resistor**, typically manufactured by brands like **Vishay** or **Dale**. These components are designed for high-power applications where stability and durability are critical. --- ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this part series: | Feature | Specification | | :--- | :--- | | **Type** | Wirewound Resistor (Power) | | **Resistance Value** | 144k Ohms (Standard) | | **Tolerance** | ±0.5% to ±1% (Precision grade) | | **Power Rating** | 5 Watts (typically denoted by the "5000" suffix) | | **Coating** | Silicone or Vitreous Enamel | | **Mounting** | Through-hole (Axial leads) | --- ### 2. Composition and Design The "38-R" series often refers to specific military or industrial grade standards. The internal construction includes: 1. **Core:** A high-purity ceramic (Alumina) core for heat dissipation. 2. **Element:** A resistive alloy wire (such as Nichrome) wound around the core. 3. **Encapsulation:** A protective coating that shields the wire from moisture, oxidation, and physical shock. 4. **Terminals:** Solderable tinned copper leads. --- ### 3. Key Applications Because wirewound resistors can handle high "surge" currents better than film resistors, they are used in: * **Power Supplies:** Used as voltage dividers or bleeder resistors. * **Industrial Controls:** For current sensing and motor control circuits. * **Audio Equipment:** Used in crossover networks due to their low noise floor. * **Medical Equipment:** High-precision versions are used in diagnostic devices requiring long-term stability. --- ### 4. Part Number Breakdown (Typical) * **38:** Often refers to the series or frame size. * **R144:** The resistance value (144 Ohms or 144k depending on decimal placement). * **D:** Tolerance code (typically ±0.5%). * **5000:** Power rating (5.0 Watts) or packaging code. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this resistor?
    • ⤷ How does a wirewound resistor compare to a metal film resistor in terms of inductance?
    • ⤷ Is this part RoHS compliant?